Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03-06-1055 Datasheet(PDF) 2 Page - MolexKits

Part # 03-06-1055
Description  .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

03-06-1055 Datasheet(HTML) 2 Page - MolexKits

  03-06-1055 Datasheet HTML 1Page - MolexKits 03-06-1055 Datasheet HTML 2Page - MolexKits 03-06-1055 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0019
Molex Part No.
Quantity in
Kit
02-06-1103
100
02-06-2103
100
03-06-1011
1-Circuit Free-hanging Nylon Connector Receptacle
15
03-06-1022
2-Circuit Panel Mount Nylon Connector Receptacle
5
03-06-1038
3-Circuit Panel Mount Nylon Connector Receptacle
5
03-06-1041
4-Circuit Panel Mount Nylon Connector Receptacle
3
03-06-1055
5-Circuit Panel Mount Nylon Connector Receptacle
4
03-06-1061
6-Circuit Panel Mount Nylon Connector Receptacle
4
50-36-1871
9-Circuit Panel Mount Nylon Connector Receptacle Prebent
3
03-06-1121
12-Circuit Panel Mount Nylon Connector Receptacle
2
03-06-1361
36-Circuit Panel Mount Nylon Connector Receptacle
1
03-06-2011
1-Circuit Free-hanging Nylon Connector Plug
15
03-06-2024
2-Circuit Panel Mount Nylon Connector Plug
5
03-06-2033
3-Circuit Panel Mount Nylon Connector Plug
5
03-06-2041
4-Circuit Panel Mount Nylon Connector Plug
3
03-06-2054
5-Circuit Panel Mount Nylon Connector Plug
4
03-06-2062
6-Circuit Panel Mount Nylon Connector Plug
4
03-06-2091
9-Circuit Panel Mount Nylon Connector Plug
3
03-06-2121
12-Circuit Panel Mount Nylon Connector Plug
2
03-06-2151
15-Circuit Panel Mount Nylon Connector Plug
1
03-06-2361
36-Circuit Panel Mount Nylon Connector Plug
1
03-06-6155
15-Circuit Panel Mount Nylon Connector Receptacle
1
W-HT-1921^
Standard Crimping Tool, Crimps 24-14 AWG
1
W-HT-2023^
Extraction Tool
1
Bill of Materials for Part No. 76650-0019
Description
Country
of Origin
Singapore
USA
.062” Dia. Female Crimp Terminals, 24-18 AWG
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
USA
.062” Dia. Male Crimp Terminals, 24-18 AWG
^ = Tool Provided by Waldom
USA
USA
USA
USA
Taiwan
USA
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 03-06-1055

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-06-1055 MOLEXKITS-03-06-1055 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
03-06-1055 MOLEXKITS-03-06-1055 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 5 Circuit
logo
Molex Electronics Ltd.
03-06-1055 MOLEX11-03-06-1055 Datasheet
41Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, 5 Circuits, with Standard Mounting Ears
03-06-1055-V MOLEX11-03-06-1055-V Datasheet
88Kb / 2P
   .062/(1.57) HOUSINGS PLUG & RECEPTACLE 5 CIRCUIT, . 145 / (3.68)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com