Selected language     English  ▼


W-HT-2023 Datasheet(PDF) 2 Page - MolexKits

Part No. W-HT-2023
Description  Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEXKITS [MolexKits]
Homepage  http://www.molexkits.com
Logo 

   
 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0012
Molex Part No.
Quantity in
Kit
02-06-1103-C
100
02-06-2103-C
100
03-06-1011
15
03-06-1022
5
03-06-1038
5
03-06-1041
3
03-06-1055
4
03-06-1061
4
03-06-1091
3
03-06-1121
2
03-06-6155
1
03-06-1361
1
03-06-2011
15
03-06-2024
5
03-06-2033
5
03-06-2041
3
03-06-2054
4
03-06-2062
4
03-06-2091
3
03-06-2121
2
03-06-2151
1
USA
USA
USA
USA
.062” Dia. Female Crimp Terminals 24-18 AWG
USA
USA
USA
USA
USA
USA
3.68mm (.145 ") Pitch 3-Circuit Panel Mount Pin and Socket
Receptacle
3.68mm (.145 ") Pitch 4-Circuit Panel Mount Pin and Socket
Receptacle
USA
USA
USA
Singapore
3.68mm (.145 ") Pitch 3-Circuit Panel Mount Pin and Socket
Plug
3.68mm (.145 ") Pitch 4-Circuit Panel Mount Pin and Socket
Plug
USA
3.68mm (.145 ") Pitch 5-Circuit Panel Mount Pin and Socket
Receptacle
USA
3.68mm (.145 ") Pitch 6-Circuit Panel Mount Pin and Socket
Receptacle
3.68mm (.145 ") Pitch 9-Circuit Panel Mount Pin and Socket
Receptacle
3.68mm (.145 ") Pitch 12-Circuit Panel Mount Pin and Socket
Receptacle
USA
USA
USA
USA
Country
of Origin
Description
3.68mm (.145 ") Pitch 15-Circuit Panel Mount Pin and Socket
Plug
3.68mm (.145 ") Pitch 5-Circuit Panel Mount Pin and Socket
Plug
.062” Dia. Male Crimp Terminals 24-18 AWG
3.68mm (.145 ") Pitch 1-Circuit Free-hanging Pin and Socket
Receptacle
3.68mm (.145 ") Pitch 2-Circuit Panel Mount Pin and Socket
Receptacle
USA
Bill of Materials for Part No. 76650-0012
3.68mm (.145 ") Pitch 15-Circuit Panel Mount Pin and Socket
Receptacle
3.68mm (.145 ") Pitch 6-Circuit Panel Mount Pin and Socket
Plug
3.68mm (.145 ") Pitch 9-Circuit Panel Mount Pin and Socket
Plug
3.68mm (.145 ") Pitch 12-Circuit Panel Mount Pin and Socket
Plug
3.68mm (.145 ") Pitch 1-Circuit Free-hanging Pin and Socket
Plug
3.68mm (.145 ") Pitch 2-Circuit Panel Mount Pin and Socket
Plug
4.19mm (.165") Pitch 36-Circuit Panel Mount Pin and Socket
Receptacle
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 3




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl