Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90327-0306 Datasheet(PDF) 2 Page - MolexKits

Part # 90327-0306
Description  Right Angle Header and IDT Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

90327-0306 Datasheet(HTML) 2 Page - MolexKits

  90327-0306 Datasheet HTML 1Page - MolexKits 90327-0306 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0122
Molex Part No.
Quantity in
Kit
90325-0004
2
90325-0006
2
90325-0008
2
90325-0010
2
90325-0012
2
90325-0016
2
90327-0304
2
90327-0306
2
90327-0308
2
90327-0310
2
90327-0312
2
90327-0316
2
Ireland
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 6
Circuits
Bill of Materials for Part No. 76650-0122
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
4 Circuits
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
6 Circuits
Ireland
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 8
Circuits
Ireland
Ireland
Ireland
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 16
Circuits
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 12
Circuits
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 10
Circuits
Ireland
Ireland
Ireland
Ireland
Ireland
Country
of Origin
1.27mm (.050") Pitch Picoflex® PF-50, IDT Receptacle, 4
Circuits
Ireland
Description
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
16 Circuits
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
8 Circuits
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
10 Circuits
1.27mm (.050") Pitch Picoflex® PF-50 Header, Right Angle,
12 Circuits
Ireland
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 90327-0306

ManufacturerPart #DatasheetDescription
logo
MolexKits
90327-0306 MOLEXKITS-90327-0306 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
90327-0306 MOLEXKITS-90327-0306 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
logo
Molex Electronics Ltd.
90327-0306 MOLEX10-90327-0306 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Tin Plated, Reeling Option A
90327-0306 MOLEX10-90327-0306 Datasheet
168Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Tin Plated, Reeling Option B
90327-0306 MOLEX10-90327-0306 Datasheet
167Kb / 4P
   1.27mm (.050) Pitch Picoflex짰 PF-50, Low Profile, IDT Receptacle, 6 Circuits, Natural, Tin Plated, Reeling Option C
More results

Similar Description - 90327-0306

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0121 MOLEXKITS-76650-0121 Datasheet
38Kb / 2P
   IDT Board-In Right Angle Receptacle Header
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
76650-0188 MOLEXKITS-76650-0188 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com