Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75003-0110 Datasheet(PDF) 1 Page - MolexKits

Part # 75003-0110
Description  High Speed Mezzanine Gold Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

75003-0110 Datasheet(HTML) 1 Page - MolexKits

  75003-0110 Datasheet HTML 1Page - MolexKits 75003-0110 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0130
• Switches and Hubs
• Routers
• Servers and Blade Servers
• Workstations
• Storage Devices
• Advanced gold-plated housings with
integrated shielding system
• Two points of contact on each signal
• Multiple stack heights from 10 to25mm
(.394 to .984")
• Available in 6, 12, 24, and 36 differential
pair sizes (12, 24, 48 and 72 contacts)
Current Rating:
1.5 Amps
30 Volts
Features and Benefits
Applications
Specifications
Circuit Sizes:
Utilizes proprietary Plateau Technology™ (plated gold housing) to provide a high-
speed high-density mezzanine connector system for differential and single-ended
signal applications. The gold-plated plastic shields each differential pair from
neighboring pairs, lowering crosstalk and improving signal clarity. Different stack
heights and circuit sizes provide flexibility in design and grounding the conductive
housing eliminates the need for individual ground pin designations within the
connector.
Voltage:
12, 24 and 48
Pitch:
Mounting
Orientation:
Connector Type:
Receptacle and Plug
Vertical
Product Highlights
General Information
Molex / Waldom
Board-to-Board
1.20mm (.047")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0130
Manufacturer:
Country of Origin:
Plateau HS Mezz™
Certificates:
High Speed Mezzanine Gold Plug and Receptacle
(Molex Parts within this kit) - UL and CSA
Title:
Plateau HS Mezz Connector Kit
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 75003-0110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0110 MOLEX-75003-0110 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
logo
MolexKits
75003-0110 MOLEXKITS-75003-0110 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
More results

Similar Description - 75003-0110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0220 MOLEXKITS-76650-0220 Datasheet
38Kb / 2P
   Gold Right Angle Header,Plug and Receptacle
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
logo
MolexKits
76650-0145 MOLEXKITS-76650-0145 Datasheet
38Kb / 2P
   High Speed I/O Right Angle Plug, Receptacle and Hardware
logo
TE Connectivity Ltd
108-2375 TEC-108-2375 Datasheet
361Kb / 10P
   STRADA Mesa* High Speed Mezzanine Press-Fit Differential Connector System
C-2110551 TEC-C-2110551 Datasheet
2Mb / 3P
   RECEPTACLE ASSEMBLY STRADA MESA MEZZANINE CONNECTOR
logo
MolexKits
76650-0118 MOLEXKITS-76650-0118 Datasheet
42Kb / 2P
   High Density Mezz Interconnect Plug and Receptacle
76650-0119 MOLEXKITS-76650-0119 Datasheet
41Kb / 2P
   High Density Mezz Interconnect Plug and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com