Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMD10
Description  NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMD10 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMD10 Datasheet HTML 1Page - NXP Semiconductors PUMD10 Datasheet HTML 2Page - NXP Semiconductors PUMD10 Datasheet HTML 3Page - NXP Semiconductors PUMD10 Datasheet HTML 4Page - NXP Semiconductors PUMD10 Datasheet HTML 5Page - NXP Semiconductors PUMD10 Datasheet HTML 6Page - NXP Semiconductors PUMD10 Datasheet HTML 7Page - NXP Semiconductors PUMD10 Datasheet HTML 8Page - NXP Semiconductors PUMD10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Apr 15
4
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ
PEMD10; PUMD10
THERMAL CHARACTERISTICS
Notes
1.
Transistor mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
2.
Reflow soldering is the only recommended soldering method.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Per transistor
Rth(j-a)
thermal resistance from junction to
ambient
SOT363
note 1
625
K/W
SOT666
notes 1 and 2
625
K/W
Per device
Rth(j-a)
thermal resistance from junction to
ambient
SOT363
note 1
416
K/W
SOT666
notes 1 and 2
416
K/W


Similar Part No. - PUMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD10 PHILIPS-PUMD10 Datasheet
63Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 May 20
PUMD10 PHILIPS-PUMD10 Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMD10 NEXPERIA-PUMD10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
PUMD10 NEXPERIA-PUMD10 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 6 - 4 January 2012
PUMD10-Q NEXPERIA-PUMD10-Q Datasheet
279Kb / 15P
   NPN/PNP double Resistor-Equipped Transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
14 September 2021
More results

Similar Description - PUMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com