Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210H124M4GACTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1210H124M4GACTU
Description  Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210H124M4GACTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1210H124M4GACTU Datasheet HTML 1Page - Kemet Corporation C1210H124M4GACTU Datasheet HTML 2Page - Kemet Corporation C1210H124M4GACTU Datasheet HTML 3Page - Kemet Corporation C1210H124M4GACTU Datasheet HTML 4Page - Kemet Corporation C1210H124M4GACTU Datasheet HTML 5Page - Kemet Corporation C1210H124M4GACTU Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ordering Information
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4002 01/10
Electrical Parameters/Characteristics
Qualification/Certification
RoHS-PRC (6/6) - 100% matte Sn termination
Operating Temperature Range:
-55°C to +200°C
Temperature Coefficient of Capacitance :
±30PPM/ºC (up to 200ºC)
Aging Rate (Max % Cap Loss/Decade Hour):
0%
Dielectric Withstanding Voltage:
250%
Dissipation Factor (DF) @ 25ºC:
.001 (0.10%) Max
Insulation Resistance (IR) Limit @ 25°C:
Insulation Resistance (IR) Limit @ 200°C:
1000 megohm microfarads or 100GΩ
10 megohm microfarads or 1GΩ
Capacitance and Dissipation Factor (DF) measured under the following conditions:
1kHz and 1 Vrms if capacitance >1000pF
1MHz and 1 Vrms if capacitance ≤1000pF
Product Qualification Test Plan
RELIABILITY/ ENVIRONMENTAL TESTS per MIL-STD-202/JESD22
High Temperature Life
200ºC, Rated Voltage, 2000 Hours.
Load Humidity
85ºC /85%RH, Rated Voltage, 1000 Hours.
Low Voltage Humidity
85ºC /85%RH, 1.5V, 1000 Hours.
Temperature Cycling
-55ºC to +200ºC, 50 Cycles.
Thermal Shock
-55ºC to +150ºC, 20s transfer, 15 min dwell, 300 Cycles.
Moisture Resistance
Cycled Temp / RH. 0V, 10 cycles @ 24 Hrs each.
PHYSICAL, MECHANICAL & PROCESS TESTS per MIL-STD 202/JIS-C-6429
Resistance to Solvents
Include Aqueous wash chemical - OKEM Clean or equivalent.
Mechanical Shock and Vibration
Method 213: Figure 1, Condition F Method 204: 5 gs for 20 min,12 cycles.
Restistance to Soldering Heat
Condition B, no pre-heat of samples, Single Wave Solder.
Terminal Strength
Force of 1.8 kg for 60 seconds.
Board Flex
3mm minimum.
C
1210
H
124
J
5
G
A
C
TU
Ceramic
Case Size
(L”x W”)
Specification/
Series
Capacitance Code
(pF)
Capacitance
Tolerance
Voltage Dielectric
Failure Rate/
Design
End Metallization
(Plated)
Packaging/Grade
(C-Spec)*
0603
H = High Temp (200ºC)
2 Sig. Digits +
C = ±0.25pF
8 = 10V
G = C0G
A = N/A
C = 100% Matte Sn
Blank = Bulk
0805
Number of
D = ±0.5pF
4 = 16V
L = SnPb (5% min) TU = 7” Reel Unmarked
1206
Zeros*
F = ±1%
3 = 25V
TM = 7” Reel Marked
1210
*Use 9 for 1.0 - 9.9pF
G = ±2%
6 = 35V
1812
*Use 8 for 0.5 - .99pF
J = ±5%
5 = 50V
ex. 2.2pF = 229
K = ±10%
1 = 100V
ex. 0.5pF = 508
M = ±20%
2 = 200V
*Contact KEMET for availability and ordering details if you require additional reeling or packaging options.
Additional termination options may be available, contact KEMET for details.


Similar Part No. - C1210H124M4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210H124M4GACTU KEMET-C1210H124M4GACTU Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1210H124M4GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com