Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-03-0043 Datasheet(PDF) 1 Page - MolexKits

Part # 11-03-0043
Description  Friction Lock Plug and Receptacle and SMT Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-03-0043 Datasheet(HTML) 1 Page - MolexKits

  11-03-0043 Datasheet HTML 1Page - MolexKits 11-03-0043 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0128
Features and Benefits
Applications
• Car Radios
• Process controls
• Cash dispensers
• Patient monitors
• Alarm systems
• Set top boxes
• Dvd players
• Reliable terminal for solid electrical
connection
• Friction lock for good mating retention
• Polarizing features ensures proper
mating orientation
• Two solder tabs for better connection
to the PCB
Specifications
Circuit Sizes:
1.25mm (.049") pitch PicoBlade™ system is designed for high-density harness
applications. PicoBlade provides the same 1.0 amperes of current as similar
2.00mm (.079") pitch systems, but in a more compact design. PicoBlade™ is
offered in wire-to-board and wire-to-wire options. The system saves about 45% of
PCB space compared to typical 2.00mm wire-to-board systems. It is a single row
system, available in 2 to 15 circuits, with both surface mount and through-hole
headers.
Voltage:
4, 6, 8 and 10
Pitch:
Mounting
Orientation:
Current Rating:
1 Amp
Connector Type:
Headers, Receptacles and Plugs
Right Angle and Vertical
Product Highlights
Wire size:
125 Volts
General Information
Molex / Waldom
(Wire-to-Board) and (Wire-to-Wire)
1.25mm (.049")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0128
Manufacturer:
Country of Origin:
PicoBlade™
Certificates:
Friction Lock Plug and Receptacle and SMT Header
(Molex Parts within this kit) - UL and CSA
Title:
PicoBlade Deluxe Connector Kit
32-28 AWG
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 11-03-0043

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-03-0043 MOLEXKITS-11-03-0043 Datasheet
43Kb / 2P
   Friction Lock Plug and Receptacle
logo
Molex Electronics Ltd.
11-03-0043 MOLEX-11-03-0043 Datasheet
453Kb / 3P
   Extractor Tool
03-24-17
logo
MolexKits
11-03-0043 MOLEXKITS-11-03-0043 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
11-03-0043 MOLEXKITS-11-03-0043 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
11-03-0043 MOLEXKITS-11-03-0043 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
More results

Similar Description - 11-03-0043

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0125 MOLEXKITS-76650-0125 Datasheet
43Kb / 2P
   Friction Lock Plug and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com