Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55959-1830 Datasheet(PDF) 2 Page - MolexKits

Part # 55959-1830
Description  Positive Lock Through Hole Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

55959-1830 Datasheet(HTML) 2 Page - MolexKits

  55959-1830 Datasheet HTML 1Page - MolexKits 55959-1830 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0135
Molex Part No.
Quantity in
Kit
55959-0830
5
51353-0800
5
55959-1430
5
51353-1400
5
55959-1230
5
51353-1200
5
55959-2030
5
51353-2000
5
55959-1830
5
51353-1800
5
56134-9100-C
100
Molex Part No.
63811-6300 *
63813-2700 *
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header,
Dual Row, Right Angle, 18 Circuits
Japan
Japan
Japan
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board
Receptacle Housing, Positive Lock, Dual Row, 20 circuits
Bill of Materials for Part No. 76650-0135
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header,
Dual Row, Right Angle, 8 Circuits
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board
Receptacle Housing, Positive Lock, Dual Row, 8 circuits
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0135*
Country
of Origin
Description
USA
Hand crimp tool
Extraction tool
Germany
Crimp Terminal 56134, Female, 22-28 AWG
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board
Receptacle Housing, Positive Lock, Dual Row, 18 circuits
Japan
Japan
Country
of Origin
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header,
Dual Row, Right Angle, 20 Circuits
Japan
Description
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board
Receptacle Housing, Positive Lock, Dual Row, 12 circuits
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header,
Dual Row, Right Angle, 14 Circuits
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board
Receptacle Housing, Positive Lock, Dual Row, 14 circuits
2.00mm (.079") Pitch MicroClasp™ Wire-to-Board Header,
Dual Row, Right Angle, 12 Circuits
Japan
Japan
Japan
Japan
Japan
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 55959-1830

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
55959-1830 MOLEX7-55959-1830 Datasheet
320Kb / 6P
   2.00mm (.079") Pitch MicroClasp??Wire-to-Board Header, Dual Row, Right Angle, 18Circuits
More results

Similar Description - 55959-1830

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0116 MOLEXKITS-76650-0116 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com