Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD48 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PUMD48
Description  NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMD48 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PUMD48 Datasheet HTML 4Page - NXP Semiconductors PUMD48 Datasheet HTML 5Page - NXP Semiconductors PUMD48 Datasheet HTML 6Page - NXP Semiconductors PUMD48 Datasheet HTML 7Page - NXP Semiconductors PUMD48 Datasheet HTML 8Page - NXP Semiconductors PUMD48 Datasheet HTML 9Page - NXP Semiconductors PUMD48 Datasheet HTML 10Page - NXP Semiconductors PUMD48 Datasheet HTML 11Page - NXP Semiconductors PUMD48 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PEMD48_PUMD48_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 13 April 2010
8 of 12
NXP Semiconductors
PEMD48; PUMD48
NPN/PNP resistor-equipped transistors
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 9.
Package outline PEMD48 (SOT666)
Fig 10. Package outline PUMD48 (SOT363)
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type
number
Package
Description
Packing quantity
3000
4000
8000
10000
PEMD48
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PUMD48
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165


Similar Part No. - PUMD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
logo
Nexperia B.V. All right...
PUMD48 NEXPERIA-PUMD48 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
   NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
More results

Similar Description - PUMD48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD10 NXP-PEMD10 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com