Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84729-0009 Datasheet(PDF) 2 Page - MolexKits

Part # 84729-0009
Description  USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

84729-0009 Datasheet(HTML) 2 Page - MolexKits

  84729-0009 Datasheet HTML 1Page - MolexKits 84729-0009 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0142
Molex Part No.
Quantity in
Kit
84727-1005
1
84728-1005
1
84729-0001
1
84729-0004
1
84729-0009
1
84730-0001
1
84732-0001
1
USB Type A, Panel Mount PCB, Receptacle
USB Type B Panel Mount PCB Receptacle
31.5" Long, Dual USB Type A to Type B Plug Coupler
Cordset
Mexico
0.5 Ft Long, 5C Pigtailed, USB Type B, Plug, Shielded
0.5 Ft Long, 28 AWG 5C Pigtailed, USB Type A, Panel
Mount Receptacle
2.62 Ft Long USB Type A, Panel Mount, Receptacle to Plug,
Cordset
Taiwan
Bill of Materials for Part No. 76650-0142
0.5 Ft Long, 5C Pigtailed, USB Type A, Plug, Shielded
No Recommended Molex Tool for Part No. 76650-0142
Description
Taiwan
Mexico
Taiwan
Mexico
Country
of Origin
Mexico
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 84729-0009

ManufacturerPart #DatasheetDescription
logo
MolexKits
84729-0009 MOLEXKITS-84729-0009 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
84729-0009 MOLEXKITS-84729-0009 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
logo
Molex Electronics Ltd.
84729-0009 MOLEX2-84729-0009 Datasheet
401Kb / 3P
   Industrial USB Plugs and Receptacles
More results

Similar Description - 84729-0009

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0152 MOLEXKITS-76650-0152 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
   Circular Sealed Plug and Receptacle, IP-67
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
   Dual Row Sealed Plug and Receptacle, IP-67
76650-0014 MOLEXKITS-76650-0014 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
76650-0157 MOLEXKITS-76650-0157 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
logo
Amphenol Corporation
GSB327133WEU AMPHENOL-GSB327133WEU Datasheet
208Kb / 2P
   USB 3.0 B TYPE PLUG, CABLE MOUNT
31-6501 AMPHENOL-31-6501 Datasheet
148Kb / 1P
   TNC R/A PLUG, IP-67 FOR LMR-200 CABLE
82-6489 AMPHENOL-82-6489 Datasheet
131Kb / 1P
   N PLUG R/A IP-67 FOR LMR-400-CABLE
logo
Amphenol RF.
292-180 RF-292-180 Datasheet
273Kb / 1P
   BNC STR PLUG IP 67 TO BNC STR PLUG IP 67 USING RG 58 CABLE VARIOUS LENGTH
logo
Molex Electronics Ltd.
0847300010 MOLEX1-0847300010 Datasheet
37Kb / 2P
   Sealed Industrial USB 2.0 Type B Panel Mount PCB Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com