Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMH14 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUMH14
Description  NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH14 Datasheet(HTML) 6 Page - NXP Semiconductors

  PUMH14 Datasheet HTML 1Page - NXP Semiconductors PUMH14 Datasheet HTML 2Page - NXP Semiconductors PUMH14 Datasheet HTML 3Page - NXP Semiconductors PUMH14 Datasheet HTML 4Page - NXP Semiconductors PUMH14 Datasheet HTML 5Page - NXP Semiconductors PUMH14 Datasheet HTML 6Page - NXP Semiconductors PUMH14 Datasheet HTML 7Page - NXP Semiconductors PUMH14 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PEMH14_PUMH14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 15 November 2009
6 of 8
NXP Semiconductors
PEMH14; PUMH14
NPN/NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PEMH14_PUMH14_3
20091115
Product data sheet
-
PEMH14_PUMH14_2
Modifications:
This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Figure 3 “Package outline SOT363 (SC-88)”: updated
PEMH14_PUMH14_2
20050429
Product data sheet
-
PUMH14_1
PUMH14_1
20031016
Product specification
-
-


Similar Part No. - PUMH14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH14 PHILIPS-PUMH14 Datasheet
49Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
Rev. 02-29 April 2005
PUMH14 PHILIPS-PUMH14 Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PUMH14 NEXPERIA-PUMH14 Datasheet
222Kb / 10P
   50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = open
31 March 2023
PUMH14 NEXPERIA-PUMH14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
More results

Similar Description - PUMH14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH14_PUMH14 PHILIPS-PEMH14_PUMH14_15 Datasheet
101Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
PDTC144T PHILIPS-PDTC144T_15 Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PDTC144T NXP-PDTC144T Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144TMB NEXPERIA-PDTC144TMB Datasheet
721Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
logo
NXP Semiconductors
PDTC144TMB PHILIPS-PDTC144TMB_15 Datasheet
586Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
Rev. 1-29 June 2012
PIMH9 NXP-PIMH9 Datasheet
157Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com