Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19003-0050 Datasheet(PDF) 1 Page - MolexKits

Part # 19003-0050
Description  .187 Tab Size PVC and Nylon Insulated Quick Disconnect Solderless Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19003-0050 Datasheet(HTML) 1 Page - MolexKits

  19003-0050 Datasheet HTML 1Page - MolexKits 19003-0050 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0042
Features and Benefits
Applications
• Translucent "see-through" insulator
provides fast, on-line quality control
inspection by allowing a quick visual check
of the wire/terminal assembly.
• Color-coded insulator allows easy
indentification of terminal size and wire
gauge.
• A wire stop stamped into the crimp barrel
prevents insertion of over-stripped wires.
• Terminal's funnel entrance is designed for
increased crimping rates by speeding wire
delivery into the crimp section and
eliminating wire strand fold back.
• MRO (Maintenance Repair and Operations)
• Consumer applications
• Power applications
• Motor applications
600 Volts
Connector Type:
Male and Female
Quick disconnects allow for quickly connecting or disconnecting a terminal. The
front end of the terminal has a female-type receptacle which allows the terminal to
slide onto and off of a male blade.
Wire size:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Specifications
Insulation:
(3-15) Amps - Dependant on Wire Gauge
Voltage:
(22-18) and (16-14) AWG
Product Highlights
General Information
Molex / Waldom
Wire-to-Wire / Solderless Terminals
.187"
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
76650-0042
Manufacturer:
Title:
Solderless Terminal Kit
Design
Configuration:
Current Rating:
Size:
Nylon
Country of Origin:
Certificates:
.187" Tab Size PVC and Nylon Insulated Quick Disconnect Solderless Terminals
Quick Disconnects
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 19003-0050

ManufacturerPart #DatasheetDescription
logo
MolexKits
19003-0001 MOLEXKITS-19003-0001 Datasheet
41Kb / 3P
   Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
logo
Molex Electronics Ltd.
19003-0009 MOLEX-19003-0009 Datasheet
36Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
MolexKits
19003-0011 MOLEXKITS-19003-0011 Datasheet
41Kb / 3P
   Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
19003-0040 MOLEXKITS-19003-0040 Datasheet
41Kb / 3P
   Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
More results

Similar Description - 19003-0050

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0046 MOLEXKITS-76650-0046 Datasheet
38Kb / 2P
   .187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
76650-0044 MOLEXKITS-76650-0044 Datasheet
38Kb / 2P
   .250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0028 MOLEXKITS-76650-0028 Datasheet
48Kb / 2P
   .110", .187" and .250" Tab Size Non-Insulated and PVC Insulated Quick Disconnect Solderless Terminals, With Universal Crimp Tool
76650-0045 MOLEXKITS-76650-0045 Datasheet
38Kb / 2P
   .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0041 MOLEXKITS-76650-0041 Datasheet
38Kb / 2P
   .250 Tab Size PVC Insulated Quick Dissconnect Solderless Terminals
76650-0034 MOLEXKITS-76650-0034 Datasheet
38Kb / 2P
   .250" Tab Size Non-Insulated Quick Disconnect Solderless Terminals
76650-0037 MOLEXKITS-76650-0037 Datasheet
38Kb / 2P
   .250 Tab Size Non-Insulated Quick Disconnect Solderless Terminals
76650-0153 MOLEXKITS-76650-0153 Datasheet
38Kb / 2P
   Nylon Insulated .250 Tab Size Quick Disconnect,Quick Disconnect Adaptor and Coupler
76650-0050 MOLEXKITS-76650-0050 Datasheet
38Kb / 2P
   Nylon Tap-and-Run Splice Wire Tap and Nylon Insulated Male Quick Disconnect Solderless Terminals
76650-0040 MOLEXKITS-76650-0040 Datasheet
39Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals, with Universal Crimping Tool
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com