Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

84590-0025 Datasheet(PDF) 1 Page - MolexKits

Part # 84590-0025
Description  Circular Sealed Plug and Receptacle, IP-67
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

84590-0025 Datasheet(HTML) 1 Page - MolexKits

  84590-0025 Datasheet HTML 1Page - MolexKits 84590-0025 Datasheet HTML 2Page - MolexKits 84590-0025 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0144
Product Highlights
Design
Configuration:
Part Number:
76650-0144
Manufacturer:
Country of Origin:
XRC™
Certificates:
Circular Sealed Plug and Receptacle, IP-67
Title:
XRC Circular Sealed Connector Kit
General Information
Molex / Waldom
Wire-to-Wire
standard 18 (Additional shell sizes will eventually be released)
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Shell Size:
(Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Connector Type:
Plugs and Receptacles
(18-16) and (18-14) AWG
Voltage Rating:
14 Circuits (maximum) (Additional circuits will eventually be released)
Wire size:
Circuit Sizes:
300 Volts
Current Rating:
10 Amps (18 AWG), 13 Amps (16-14 AWG)
The XRC 14-circuit, circular connector was developed to meet the demanding
requirements of the heavy-equipment industry. For maximum design flexibility, the
XRC plugs and receptacles are available in standard and reverse gender. The
connectors can be used for in-line or panel-mount applications. Plugs feature a
quick-disconnect bayonet latch to provide quick and easy connections with reduced
installation and service time while ensuring accurate mating depth. Designed to
meet IP67 standards, XRC plugs and receptacles protect against the ingress of
dust, water and other contaminants to maintain the integrity of the mated pair.
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 84590-0025

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8459 BELDEN-8459 Datasheet
222Kb / 2P
   Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-060100 BELDEN-8459-060100 Datasheet
222Kb / 2P
   Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-0601000 BELDEN-8459-0601000 Datasheet
222Kb / 2P
   Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-060500 BELDEN-8459-060500 Datasheet
222Kb / 2P
   Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-0605000 BELDEN-8459-0605000 Datasheet
222Kb / 2P
   Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 84590-0025

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
   Dual Row Sealed Plug and Receptacle, IP-67
76650-0152 MOLEXKITS-76650-0152 Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
logo
Switchcraft, Inc.
DCCHD15F SWITCH-DCCHD15F Datasheet
1Mb / 2P
   Sealed D-sub (IP-67)
logo
MolexKits
76650-0142 MOLEXKITS-76650-0142 Datasheet
38Kb / 2P
   USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
logo
Amphenol RF.
292-180 RF-292-180 Datasheet
273Kb / 1P
   BNC STR PLUG IP 67 TO BNC STR PLUG IP 67 USING RG 58 CABLE VARIOUS LENGTH
logo
Amphenol Corporation
31-6499 AMPHENOL-31-6499 Datasheet
140Kb / 1P
   STR IP-67 TNC,PLUG FOR LMR-200 CABLE
82-6553 AMPHENOL-82-6553 Datasheet
146Kb / 1P
   N STR PLUG IP-67 FOR LMR-400 CABLE
31-6501 AMPHENOL-31-6501 Datasheet
148Kb / 1P
   TNC R/A PLUG, IP-67 FOR LMR-200 CABLE
82-6489 AMPHENOL-82-6489 Datasheet
131Kb / 1P
   N PLUG R/A IP-67 FOR LMR-400-CABLE
logo
Schurter Inc.
CAPSTOFUL SCHURTER-CAPSTOFUL Datasheet
222Kb / 2P
   Caps to Holder FUL (IP 67)
19.08.2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com