Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88732-8600 Datasheet(PDF) 5 Page - MolexKits

Part # 88732-8600
Description  Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

88732-8600 Datasheet(HTML) 5 Page - MolexKits

  88732-8600 Datasheet HTML 1Page - MolexKits 88732-8600 Datasheet HTML 2Page - MolexKits 88732-8600 Datasheet HTML 3Page - MolexKits 88732-8600 Datasheet HTML 4Page - MolexKits 88732-8600 Datasheet HTML 5Page - MolexKits 88732-8600 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Molex Part No.
Quantity in
Kit
74320-9010
1
74320-5000
1
74320-1000
1
74320-4000
1
74320-3000
1
88768-3500
1
47151-0002
1
47151-1002
1
47151-1005
1
47272-0001
1
67068-8000
1
67068-9000
1
48037-1000
1
89485-8000
1
48037-0001
1
88732-9000
1
88728-3200
1
88732-8600
1
54819-0519
1
47491-0001
1
47346-0001
1
53462-0629
1
67503-1020
1
500075-1517
1
IEEE 1394-1995 Receptacle, Right Angle, SMT
USB On-The-Go (OTG) mini-B™ Receptacle, Right Angle,
SMT
USB On-The-Go (OTG) mini-B™ Receptacle, Vertical,
Through Hole
China
China
Japan
China
Japan
China
China/HK
China
China
China
China
China
USB (OTG) mini-B™ Receptacle, Right Angle, Through Hole
0.65mm (.0256") Pitch Micro-USB B Receptacle, Mid-Mount,
SMT, Lead Free
0.65mm (.0256") Pitch Micro-USB B Receptacle, Bottom
Mount, SMT, Lead Free
1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw
Flange, w/Back Cover
1.00mm (.039") Pitch HDMI^ Receptacle, Rt Angle w/Screw
Flange,w/o Back Cover
DVI-D Receptacle Header, Right Angle Panel Mount
China
China
USB-A Plug to Pigtail White Cable Full-Rated 810mm
Bill of Materials for Part No. 76650-0143
DVI-I Receptacle Header, Right Angle Panel Mount
China
China
China
0.5mm (.020") Pitch, Receptacle, Right Angle, SMT, Display
Port*
USB Type B Receptacle, Right Angle, BLACK
USB Plug, Type A, Right Angle, Through Hole
USB Type B Receptacle, Right Angle, WHITE
China
USB (OTG) Shielded I/O Cable, USB-A To mini-B™, USB
2.0, 1.0m (3.28'), White
USB Shielded I/O Cable Assembly: A-to-B Full-Rated, 0.82m
(2.69')
China
DVI-D Receptacle Header, Vertical Panel Mount, 30micro
inches Gold
DVI-I Receptacle Header, Right Angle
USB Plug, Type A, Right Angle, Surface Mount, 30μ" Gold
Plating,
USB Type A Receptacle, Single Upright, Right Angle
DVI-I Receptacle Header, Vertical Panel Mount
HDMI^ to DVI-Digital Cable Assembly, 28 AWG, 1.00m (3.30')
1.00mm (.039") Pitch HDMI^ Receptacle, Right Angle, Gold
Taiwan
China
China
Description
China
Country
of Origin
Taiwan
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 6


Similar Part No. - 88732-8600

ManufacturerPart #DatasheetDescription
logo
MolexKits
88732-8600 MOLEXKITS-88732-8600 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results

Similar Description - 88732-8600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0887328600 MOLEX1-0887328600 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 1.0m
0887328900 MOLEX1-0887328900 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0, 2.0m
0887328912 MOLEX1-0887328912_18 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 2.0m
0887328510 MOLEX1-0887328510 Datasheet
32Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1,0.80m Length, White
0887328500 MOLEX1-0887328500 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, White
0887328800 MOLEX1-0887328800 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, White
0887328802 MOLEX1-0887328802_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.80m Length, Black
0887328502 MOLEX1-0887328502_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,0.80m Length, Black
0887328702 MOLEX1-0887328702_18 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 2.0,1.50m Length, Black
0887328610 MOLEX1-0887328610 Datasheet
33Kb / 1P
   USB On-The-Go (OTG) Shielded I/O Cable Assembly, USB A-to-Mini B, USB 1.1, 1.0m Length, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com