Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S2BT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0S2BT
Description  Low capacitance bidirectional double ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S2BT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0S2BT Datasheet HTML 4Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 5Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 6Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 7Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 8Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 9Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 10Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 11Page - NXP Semiconductors PESD5V0S2BT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PESD5V0S2BT_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 February 2009
8 of 12
NXP Semiconductors
PESD5V0S2BT
Low capacitance bidirectional double ESD protection diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 9.
Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PESD5V0S2BT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235


Similar Part No. - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2BT PHILIPS-PESD5V0S2BT Datasheet
74Kb / 11P
   Low capacitance bi-directional double ESD protection diode in SOT23 package
Rev. 02-27 May 2004
logo
Nexperia B.V. All right...
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
   Low capacitance bidirectional double ESD protection diode
23 August 2018
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
   300 W peak pulse power (tp = 8/20μs)
logo
Nexperia B.V. All right...
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
More results

Similar Description - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
   Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
   Low capacitance bidirectional double ESD protection diode
24 April 2023
PESD5V0S2BT NEXPERIA-PESD5V0S2BT Datasheet
210Kb / 12P
   Low capacitance bidirectional double ESD protection diode
23 August 2018
logo
NXP Semiconductors
PESD5V0U2BT PHILIPS-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
logo
NXP Semiconductors
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com