Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19418-0016 Datasheet(PDF) 1 Page - MolexKits

Part # 19418-0016
Description  Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19418-0016 Datasheet(HTML) 1 Page - MolexKits

  19418-0016 Datasheet HTML 1Page - MolexKits 19418-0016 Datasheet HTML 2Page - MolexKits 19418-0016 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0152
Plugs (Panel Mount) and Receptacles
Circuit Sizes:
Voltage:
(22-18) and (16-14) AWG
Current Rating:
General Information
Molex / Waldom
Wire-to-Wire
5.84mm (0.230”)
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant
Specifications
Title:
Product Highlights
Applications
Features and Benefits
The pre-assembled, submersible MX150L is a high performance, environmentally
sealed connector system suitable for challenging, rugged and harsh applications,
supporting both low-level signal as well as power applications. The cost-effective
connector design features all-in-one plug and receptacle housings with pre-
assembled mat-wire and interfacial connector seals. The mating interface provides
full IP67 sealing capability.
Part Number:
76650-0152
Manufacturer:
Country of Origin:
MX150L™
Certificates:
Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
MX150L Connector Kit
Design
Configuration:
Pitch:
2, 4 and 6
Wire:
600 Volts
Connector Type:
18 Amps
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 19418-0016

ManufacturerPart #DatasheetDescription
logo
MolexKits
19418-0016 MOLEXKITS-19418-0016 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
logo
Molex Electronics Ltd.
19418-0016 MOLEX11-19418-0016 Datasheet
46Kb / 2P
   MX150L??2 Circuit Receptacle for 18-22 AWG Wire, without CPA
More results

Similar Description - 19418-0016

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
   Dual Row Sealed Plug and Receptacle, IP-67
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
   Circular Sealed Plug and Receptacle, IP-67
76650-0142 MOLEXKITS-76650-0142 Datasheet
38Kb / 2P
   USB Type A and B Shielded Panel Mount Plug, Receptacle and Cable, IP-67
logo
Switchcraft, Inc.
DCCHD15F SWITCH-DCCHD15F Datasheet
1Mb / 2P
   Sealed D-sub (IP-67)
logo
MolexKits
76650-0161 MOLEXKITS-76650-0161 Datasheet
38Kb / 2P
   BMI Dual Row Panel Mount Vertical Plug and Receptacle
76650-0014 MOLEXKITS-76650-0014 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
76650-0157 MOLEXKITS-76650-0157 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
logo
Amphenol RF.
292-180 RF-292-180 Datasheet
273Kb / 1P
   BNC STR PLUG IP 67 TO BNC STR PLUG IP 67 USING RG 58 CABLE VARIOUS LENGTH
logo
MolexKits
76650-0059 MOLEXKITS-76650-0059 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 4 Circuit
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com