Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19019-0037 Datasheet(PDF) 1 Page - MolexKits

Part # 19019-0037
Description  Nylon Insulated .250 Tab Size Quick Disconnect,Quick Disconnect Adaptor and Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19019-0037 Datasheet(HTML) 1 Page - MolexKits

  19019-0037 Datasheet HTML 1Page - MolexKits 19019-0037 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0153
Features and Benefits
Applications
General Information
Wire-to-Wire / Solderless Terminals
.250"
Description:
Product Family:
Part Number:
Manufacturer:
(Molex Parts within this kit) - EU RoHS Compliant
Specifications
76650-0153
Molex / Waldom
Kit assembled in U.S.A.
Product Highlights
Country of Origin:
Certificates:
Nylon Insulated .250" Tab Size Quick Disconnect, Quick Disconnect Adaptor and
Coupler
Quick Disconnects
Design
Configuration:
Title:
Solderless Terminal Kit
(22-18), (16-14), (14-12) and (12-10) AWG
300 Volts
Male and Female
(3-15) Amps - Dependant on Wire Gauge
Nylon
Tab Size:
Quick disconnects allow for quickly connecting or disconnecting a terminal. The front
end of the terminal has a female-type receptacle which allows the terminal to slide
onto and off of a male blade. Quick Disconnects (QDs) are female terminals that
mate with male tab terminals, tab adapters, and terminal blocks fitted with male tabs.
Wire size:
Connector Type:
Insulation:
Voltage:
Current Rating:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 19019-0037

ManufacturerPart #DatasheetDescription
logo
MolexKits
19019-0031 MOLEXKITS-19019-0031 Datasheet
41Kb / 3P
   Insulated Ring, Spade, Butt Splice, Closed-End Solderless Terminal
More results

Similar Description - 19019-0037

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0044 MOLEXKITS-76650-0044 Datasheet
38Kb / 2P
   .250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0034 MOLEXKITS-76650-0034 Datasheet
38Kb / 2P
   .250" Tab Size Non-Insulated Quick Disconnect Solderless Terminals
76650-0037 MOLEXKITS-76650-0037 Datasheet
38Kb / 2P
   .250 Tab Size Non-Insulated Quick Disconnect Solderless Terminals
76650-0046 MOLEXKITS-76650-0046 Datasheet
38Kb / 2P
   .187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
76650-0042 MOLEXKITS-76650-0042 Datasheet
38Kb / 2P
   .187 Tab Size PVC and Nylon Insulated Quick Disconnect Solderless Terminals
76650-0045 MOLEXKITS-76650-0045 Datasheet
38Kb / 2P
   .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
logo
Molex Electronics Ltd.
0197054001 MOLEX4-0197054001 Datasheet
119Kb / 2P
   PCB Tab Quick Disconnect
0190110035 MOLEX4-0190110035 Datasheet
117Kb / 2P
   InsulKrimp??Piggyback Quick Disconnect, Tab 6.35mm (.250
0197054301 MOLEX4-0197054301 Datasheet
109Kb / 2P
   PCB Tab Quick Disconnect
0191640989 MOLEX4-0191640989 Datasheet
85Kb / 2P
   Perma-Seal??Piggyback Quick Disconnect, Tab 6.35mm (.250
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com