Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD12VL1BA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD12VL1BA
Description  Low capacitance bidirectional ESD protection diodes in SOD323
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VL1BA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD12VL1BA Datasheet HTML 3Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 4Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 5Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 6Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 9Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 10Page - NXP Semiconductors PESD12VL1BA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PESDXL1BA_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
7 of 15
NXP Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
Tamb = 25 °C
tp = 8/20 µs exponential decay waveform; see Figure 1
(1) PESD3V3L1BA and PESD5V0L1BA
(2) PESD12VL1BA; PESD15VL1BA; PESD24VL1BA
Fig 3.
Peak pulse power dissipation as a function of
pulse time; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
Tamb = 25 °C; f = 1 MHz
(1) PESD3V3L1BA
(2) PESD5V0L1BA
Tamb = 25 °C; f = 1 MHz
(1) PESD12VL1BA
(2) PESD15VL1BA
(3) PESD24VL1BA
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
006aaa066
103
102
104
PPP
(W)
10
tp (µs)
1104
103
10
102
(1)
(2)
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
05
4
23
1
006aaa067
70
90
100
110
Cd
(pF)
50
60
80
(1)
(2)
VR (V)
025
20
10
15
5
006aaa068
8
12
4
16
20
Cd
(pF)
0
(1)
(2)
(3)


Similar Part No. - PESD12VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VL1BA PHILIPS-PESD12VL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD12VL1BA PHILIPS-PESD12VL1BA Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PESD12VL1BA NXP-PESD12VL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
TECH PUBLIC Electronics...
PESD12VL1BA TECHPUBLIC-PESD12VL1BA Datasheet
994Kb / 4P
   1-Line Bi-directional Diode
logo
Nexperia B.V. All right...
PESD12VL1BA NEXPERIA-PESD12VL1BA Datasheet
236Kb / 11P
   Low capacitance bidirectional ESD protection diode
14 April 2023
More results

Similar Description - PESD12VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com