Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD24VL1BA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PESD24VL1BA
Description  Low capacitance bidirectional ESD protection diodes in SOD323
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD24VL1BA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PESD24VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 9Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 10Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 11Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 12Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 13Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 14Page - NXP Semiconductors PESD24VL1BA Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PESDXL1BA_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
11 of 15
NXP Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
8.
Package outline
Fig 10. Package outline SOD323 (SC-76)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD323
SC-76
SOD323
03-12-17
06-03-16
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.05
1.1
0.8
0.40
0.25
0.25
0.10
1.8
1.6
1.35
1.15
2.7
2.3
0.45
0.15
A1
max
DIMENSIONS (mm are the original dimensions)
Plastic surface-mounted package; 2 leads
01
(1)
2
1
2 mm
scale
bp
c
D
E
HD
Q
0.25
0.15
Lp
v
0.2
A
D
A
E
Lp
bp
detail X
A1
c
Q
HD
vA
M
X


Similar Part No. - PESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VL1BA PHILIPS-PESD24VL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD24VL1BA PHILIPS-PESD24VL1BA Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PESD24VL1BA NXP-PESD24VL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
logo
Guangdong Youtai Semico...
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
   300W peak pulse power (tp = 8/20μs)
More results

Similar Description - PESD24VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com