Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44428-0401 Datasheet(PDF) 5 Page - MolexKits

Part # 44428-0401
Description  Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

44428-0401 Datasheet(HTML) 5 Page - MolexKits

  44428-0401 Datasheet HTML 1Page - MolexKits 44428-0401 Datasheet HTML 2Page - MolexKits 44428-0401 Datasheet HTML 3Page - MolexKits 44428-0401 Datasheet HTML 4Page - MolexKits 44428-0401 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0146
Molex Part No.
63811-5200 *
63813-1400 *
11-26-0167 *
11-03-0044 *
63819-0900 *
57031-6000 *
63819-0000 *
11-03-0043 *
*Tool(s) not included in kit. Tool(s) ordered separately.
USA
Extraction Tool (HT60923A) Micro-Fit 3.0™
Hand Crimp Tool Micro-Fit 3.0™
USA
Germany
USA
Sweden
USA
Sweden
Extraction Tool (HT60630B) for Mini-Fit™ Jr.
Hand Crimp Tool for Mini-Fit™ Jr. 24-16 AWG
JAPAN Hand Extraction Tool
Germany
Country
of Origin
Manual Extraction Tool for SPOX™ 33467/33468
JAPAN Hand Crimp Tool JHTR5974
Hand Crimp Tool - SPOX™
Description
Recommended Molex Tool(s) for Part No. 76650-0146*
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 5 of 5


Similar Part No. - 44428-0401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44428-0401 MOLEX6-44428-0401 Datasheet
243Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI Header, Surface Mount Compatible, Dual Row, Right Angle
44428-0401 MOLEX-44428-0401 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44428-0401 MOLEX-44428-0401 Datasheet
237Kb / 1P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44428-0401 MOLEX-44428-0401 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
44428-0401 MOLEX-44428-0401 Datasheet
237Kb / 2P
   MICRO FIT (3.0) DUAL ROW RIGHT ANGLE BMI HEADER ASSY
2016/02/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com