Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87439-0400 Datasheet(PDF) 5 Page - MolexKits

Part # 87439-0400
Description  Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

87439-0400 Datasheet(HTML) 5 Page - MolexKits

  87439-0400 Datasheet HTML 1Page - MolexKits 87439-0400 Datasheet HTML 2Page - MolexKits 87439-0400 Datasheet HTML 3Page - MolexKits 87439-0400 Datasheet HTML 4Page - MolexKits 87439-0400 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0150
Molex Part No.
63811-7900 *
57352-5000 *
57352-5100 *
63819-2800 *
11-03-0043 *
63811-6400 *
63819-0500 *
57105-6000 *
63811-6300 *
57404-5300 *
57399-6000 *
JAPAN Hand Crimp Tool - MicroClasp™
SWEDEN
Hand Crimp Tool - Sherlock™ / Micro-Latch™
USA
Extraction Tool - Sherlock™ / Micro-Latch™
JAPAN
GERMANY
Hand Crimp Tool , UL Approved - PanelMate™
JAPAN Hand Crimp Tool - PanelMate™
JAPAN Hand Crimp Tool - PanelMate™
Hand Crimp Tool - MicroClasp™
SWEDEN
Hand Crimp Tool - (22-26 AWG Terminals) CLIK-Mate™
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0150*
Country
of Origin
Description
JAPAN
USA
Extraction Tool - CLIK-Mate™
GERMANY
Hand Crimp Tool - Pico-Spox™
JAPAN
JAPAN Extraction Tool - MicroClasp™
SWEDEN
USA
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 5 of 5


Similar Part No. - 87439-0400

ManufacturerPart #DatasheetDescription
logo
MolexKits
87439-0400 MOLEXKITS-87439-0400 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
87439-0400 MOLEXKITS-87439-0400 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
87439-0400 MOLEX11-87439-0400 Datasheet
35Kb / 1P
   1.50mm Pitch Pico-SPOX??Wire-to-Board Housing, 4 Circuits, Off-White Housing
More results

Similar Description - 87439-0400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2157102125 MOLEX-2157102125 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
   1.50mm (.059") Pitch Pico-SPOX?
0797580016 MOLEX1-0797580016_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0797581007 MOLEX1-0797581007 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0151350603 MOLEX1-0151350603_18 Datasheet
53Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
0151350300 MOLEX-0151350300 Datasheet
50Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0797580008 MOLEX1-0797580008_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com