Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19216-0010 Datasheet(PDF) 2 Page - MolexKits

Part # 19216-0010
Description  Nylon Tap-and-Run Splice Wire Tap and Nylon Insulated Male Quick Disconnect Solderless Terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19216-0010 Datasheet(HTML) 2 Page - MolexKits

  19216-0010 Datasheet HTML 1Page - MolexKits 19216-0010 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0050
Molex Part No.
Quantity in
Kit
19025-0001
5
19025-0005
5
19025-0007
5
19216-0009
5
19216-0010
5
19216-0011
5
Molex Part No.
64001-0100 *
64001-0200 *
64001-1400 *
64001-5900 *
*Tool(s( not included in kit. Tool(s) ordered separately.
Country
of Origin
Description
USA
Hand Crimp Tool
USA
Hand Crimp Tool (RHT-2100)
Recommended Molex Tool(s) for Part No. 76650-0050*
USA
Hand Crimp Tool (RHT-1991)
USA
Hand Crimp Tool (RHT-1990)
USA
Wire Tap, 12 AWG-Yellow
Wire Tap, 18-14 AWG–Blue
USA
USA
USA
USA
Description
Bill of Materials for Part No. 76650-0050
Insulated .250” Male Quick Disconnect (Nylon) Solderless
Terminals, 22-18 AWG–Red
Insulated .250” Male Quick Disconnect (Nylon) Solderless
Terminals, 12-10 AWG–Yellow
Wire Tap, 22-18 AWG-Red
Insulated .250” Male Quick Disconnect (Nylon) Solderless
Terminals, 16-14 AWG–Blue
USA
Country
of Origin
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 19216-0010

ManufacturerPart #DatasheetDescription
logo
MolexKits
19216-0002 MOLEXKITS-19216-0002 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
19216-0003 MOLEXKITS-19216-0003 Datasheet
40Kb / 4P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade, Butt Splice and Multi-Lock Terminals.
19216-0003 MOLEXKITS-19216-0003 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
19216-0004 MOLEXKITS-19216-0004 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
19216-0005 MOLEXKITS-19216-0005 Datasheet
37Kb / 1P
   Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
More results

Similar Description - 19216-0010

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0047 MOLEXKITS-76650-0047 Datasheet
38Kb / 2P
   Nylon Insulated Butt Splice Solderless Terminals
76650-0042 MOLEXKITS-76650-0042 Datasheet
38Kb / 2P
   .187 Tab Size PVC and Nylon Insulated Quick Disconnect Solderless Terminals
76650-0046 MOLEXKITS-76650-0046 Datasheet
38Kb / 2P
   .187 Tab Size Nylon Insulated and Fully Insulated Quick Disconnect Solderless Terminals
76650-0045 MOLEXKITS-76650-0045 Datasheet
38Kb / 2P
   .250Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0044 MOLEXKITS-76650-0044 Datasheet
38Kb / 2P
   .250 Tab Size Nylon Fully Insulated Quick Disconnect Solderless Terminals
76650-0038 MOLEXKITS-76650-0038 Datasheet
38Kb / 2P
   Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
76650-0029 MOLEXKITS-76650-0029 Datasheet
39Kb / 3P
   Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
76650-0153 MOLEXKITS-76650-0153 Datasheet
38Kb / 2P
   Nylon Insulated .250 Tab Size Quick Disconnect,Quick Disconnect Adaptor and Coupler
76650-0031 MOLEXKITS-76650-0031 Datasheet
38Kb / 2P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
76650-0039 MOLEXKITS-76650-0039 Datasheet
46Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com