Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64001-0300 Datasheet(PDF) 2 Page - MolexKits

Part # 64001-0300
Description  PVC Insulated Bullet Snap Plug and Receptacle, and Non-Insulated Bullet Snap Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

64001-0300 Datasheet(HTML) 2 Page - MolexKits

  64001-0300 Datasheet HTML 1Page - MolexKits 64001-0300 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0051
Molex Part No.
Quantity in
Kit
19033-0003
25
19033-0007
25
19034-0005
25
19034-0009
25
19038-0001
25
19038-0007
25
Molex Part No.
64001-0100 *
64001-0300 *
64001-1400 *
64001-2100 *
64001-2300 *
64003-0100 *
Country
of Origin
.156” PVC Female Snap Bullet Connector, 16-14 AWG
.156” PVC Male Snap Bullet Connector, 22-18 AWG
.156” Non-insulated Male Snap Bullet Connector, 16-14
AWG
USA
Description
Bill of Materials for Part No. 76650-0051
.156” Non-insulated Male Snap Bullet Connector, 22-18
AWG
USA
USA
USA
USA
Hand Crimp Tool (RHT-8765)
USA
Hand Crimp Tool (RHT-1990)
USA
.156” PVC Male Snap Bullet Connector, 16-14 AWG
.156” PVC Female Snap Bullet Connector, 22-18 AWG
Recommended Molex Tool(s) for Part No. 76650-0051*
USA
Hand Crimp Tool (RHT-2100)
*Tool(s) not included in kit. Tool(s) ordered separately.
Country
of Origin
Description
USA
Hand Crimp Tool (RHT-8764)
USA
Hand Crimp Tool (RHT-1993)
USA
Hand Crimp Tool (RHT-1992)
USA
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 64001-0300

ManufacturerPart #DatasheetDescription
logo
MolexKits
64001-0300 MOLEXKITS-64001-0300 Datasheet
40Kb / 4P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
64001-0300 MOLEXKITS-64001-0300 Datasheet
38Kb / 2P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
64001-0300 MOLEXKITS-64001-0300 Datasheet
46Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals.
64001-0300 MOLEXKITS-64001-0300 Datasheet
39Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals, with Universal Crimping Tool
64001-0300 MOLEXKITS-64001-0300 Datasheet
40Kb / 4P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade, Butt Splice and Multi-Lock Terminals.
More results

Similar Description - 64001-0300

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0155 MOLEXKITS-76650-0155 Datasheet
38Kb / 2P
   PVC and Nylon Insulated Bullet Snap Plug and Receptacle, and Insulated Double Bullet Snap Coupler and Non-Insulated Bullet Snap Plug and Receptacle
76650-0030 MOLEXKITS-76650-0030 Datasheet
40Kb / 4P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
logo
Molex Electronics Ltd.
0190390030 MOLEX4-0190390030 Datasheet
119Kb / 2P
   Avikrimp??Bullet Receptacle
logo
Tyco Electronics
B-106-8401CS100 MACOM-B-106-8401CS100 Datasheet
43Kb / 1P
   DURASEAL BULLET RECEPTACLE
logo
MolexKits
76650-0031 MOLEXKITS-76650-0031 Datasheet
38Kb / 2P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
logo
Molex Electronics Ltd.
0190370004 MOLEX4-0190370004 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle
logo
Pasternack Enterprises,...
PE91373 PASTERNACK-PE91373 Datasheet
355Kb / 4P
   Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 7mm Long Bullet
PE91370 PASTERNACK-PE91370 Datasheet
356Kb / 4P
   Slide-On MMBX Plug to MMBX Plug Snap-On Adapter, 4.8mm Long Bullet
PE91372 PASTERNACK-PE91372 Datasheet
355Kb / 4P
   Snap-On MMBX Plug to MMBX Plug Slide-On Adapter, 12mm Long Bullet
logo
Molex Electronics Ltd.
191640052 MOLEX2-191640052 Datasheet
65Kb / 1P
   FULLY INSULATED AVIKRIMP PERMA-SEAL BULLET RECEPT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com