Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-02-0003 Datasheet(PDF) 2 Page - MolexKits

Part # 11-02-0003
Description  Free Hanging Plug and Receptacle, 1 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-02-0003 Datasheet(HTML) 2 Page - MolexKits

  11-02-0003 Datasheet HTML 1Page - MolexKits 11-02-0003 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0061
Molex Part No.
Quantity in
Kit
02-09-1119
.093” Dia. Crimp Female Socket Terminals, 22-18 AWG
7
02-09-2118
.093” Dia. Crimp Male Pin Terminals, 22-18 AWG
7
03-09-1011
1-Circuit Panel Mount Nylon Connector Receptacle
5
03-09-2011
1-Circuit Panel Mount Nylon Connector Plug
5
Molex Part No.
63819-1200 *
Hand Crimp Tool
11-03-0006 *
Extraction Tool
11-02-0003 *
Insertion Tool
*Tools not included in kit. Tools ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0061*
Country
of Origin
Description
Sweden
USA
USA
Sweden
Sweden
USA
USA
Bill of Materials for Part No. 76650-0061
Description
Country
of Origin
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 11-02-0003

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-02-0003 MOLEXKITS-11-02-0003 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
11-02-0003 MOLEXKITS-11-02-0003 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
11-02-0003 MOLEXKITS-11-02-0003 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
11-02-0003 MOLEXKITS-11-02-0003 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
11-02-0003 MOLEXKITS-11-02-0003 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
More results

Similar Description - 11-02-0003

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
logo
MolexKits
76650-0075 MOLEXKITS-76650-0075 Datasheet
38Kb / 2P
   Plug and Receptacle, 4 Circuit
76650-0079 MOLEXKITS-76650-0079 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0076 MOLEXKITS-76650-0076 Datasheet
38Kb / 2P
   Plug and Receptacle, 6 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com