Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-03-0002 Datasheet(PDF) 1 Page - MolexKits

Part # 11-03-0002
Description  Free Hanging Plug and Receptacle, 1 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-03-0002 Datasheet(HTML) 1 Page - MolexKits

  11-03-0002 Datasheet HTML 1Page - MolexKits 11-03-0002 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0062
Wire to Wire
Title:
.062" Power Connector Kit
Connector Type:
Pitch:
Mounting
Orientation:
Wire size:
24-18 AWG
Current Rating:
5 Amps
Voltage:
Product Highlights
1
• Male and female terminals may be used in
either plug or receptacle housings
• Free hanging or panel mount housing
version available
• Round terminals may be oriented in any
direction for fast assembly
• Passive (friction lock)
• Power Supplies
• Appliances
• Gaming Machines
• Vending Machines
• Refrigerators
• Washing Machines
• Copy Machines
Features and Benefits
Applications
The Standard .062" is a durable and economical power or signal connector,
capable of carrying up to 5.0 amps per circuit. Tough Nylon housings and robust
terminal design create a durable, long lasting product. The Standard .062" products
are reliable and offer high value in features and price. These products are an
excellent choice for power or signal interconnect applications.
General Information
Molex / Waldom
Free-hanging
3.68mm (.145 ")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
Plug and Receptacle
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
250 Volts
76650-0062
Manufacturer:
Country of Origin:
Standard .062"
Certificates:
Free Hanging Plug and Receptacle, 1 Circuit
Specifications
Circuit Sizes:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 11-03-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
logo
Molex Electronics Ltd.
11-03-0002 MOLEX11-11-03-0002 Datasheet
40Kb / 1P
   Manual Extraction Tool
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
logo
Molex Electronics Ltd.
11-03-0002 MOLEX-11-03-0002 Datasheet
153Kb / 2P
   Extractor Tool (HT2285)
12-07-16
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
More results

Similar Description - 11-03-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
logo
MolexKits
76650-0075 MOLEXKITS-76650-0075 Datasheet
38Kb / 2P
   Plug and Receptacle, 4 Circuit
76650-0079 MOLEXKITS-76650-0079 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0076 MOLEXKITS-76650-0076 Datasheet
38Kb / 2P
   Plug and Receptacle, 6 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com