Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP2106A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVP2106A
Description  P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVP2106A Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVP2106A Datasheet HTML 1Page - Zetex Semiconductors ZVP2106A Datasheet HTML 2Page - Zetex Semiconductors ZVP2106A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – MARCH 94
FEATURES
*
60 Volt V
DS
*R
DS(on)=5Ω
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
-60
V
Continuous Drain Current at Tamb=25°C
ID
-280
mA
Pulsed Drain Current
IDM
-4
A
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
700
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX. UNIT
CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
-60
V
ID=-1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
-1.5
-3.5
V
ID=-1mA, VDS= VGS
Gate-Body Leakage
IGSS
20
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
-0.5
-100
µA
µA
VDS=-60 V, VGS=0
VDS=-48 V, VGS=0V, T=125°C(2)
On-State Drain Current(1)
ID(on)
-1
A
VDS=-18 V, VGS=-10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
5
VGS=-10V,ID=-500mA
Forward Transconductance
(1)(2)
gfs
150
mS
VDS=-18V,ID=-500mA
Input Capacitance (2)
Ciss
100
pF
Common Source Output
Capacitance (2)
Coss
60
pF
VDS=-18V, VGS=0V, f=1MHz
Reverse Transfer
Capacitance (2)
Crss
20
pF
Turn-On Delay Time (2)(3)
td(on)
7ns
VDD ≈-18V, ID=-500mA
Rise Time (2)(3)
tr
15
ns
Turn-Off Delay Time (2)(3)
td(off)
12
ns
Fall Time (2)(3)
tf
15
ns
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2%
(2) Sample test.
(
3
)
Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
E-Line
TO92 Compatible
ZVP2106A
3-417
D
G
S
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0
20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Dr
ai
n-
So
urc
e R
es
ista
nc
e
RDS(
on
)
Gate Threshold Vo
ltage VGS
(th)
ID=-0.5A
0-2
-4
-6
-8
-10
0
-10
-20
-30
-40
-50
Saturation Characteristics
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
-10V
VGS-Gate Source Voltage (Volts)
VGS=-10V
ID=-1mA
VGS=VDS
-3.5
-3.0
-2.0
-0.5
0
-1.0
-2.5
-1.5
2.6
180
VGS=
-20V
-14V
-5V
-6V
-7V
-4V
-3.5V
-8V
VGS=
-18V
VDS - Drain Source Voltage (Volts)
On-resistance v drain current
ID-Drain Current (Amps)
-0.1
-1.0
10
5
-2.0
-12V
-6V
-4V
0
-2
-4
-6
-8
-10
1
-10V
-9V
-8V
-7V
-5V
-9V
0
-0.6
-0.4
-0.2
-0.8
-1.6
-1.4
-1.2
-1.0
-1.8
-2.0
0
-10
-6
-2
-4
-8
0-2
-4
-6
-8
-10
ID=
-1A
-0.5A
-0.25A
-0.8
-0.6
-0.2
-0.4
VDS=-10V
-1.6
-1.4
-1.0
-1.2
-6V
-7V
VGS=-5V
-8V
-10V
-9V
Tj-Junction Temperature (°C)
ZVP2106A
3-418


Similar Part No. - ZVP2106A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP2106A DIODES-ZVP2106A Datasheet
59Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A DIODES-ZVP2106A_15 Datasheet
59Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVP2106A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com