Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-24-6040 Datasheet(PDF) 1 Page - MolexKits

Part # 15-24-6040
Description  Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

15-24-6040 Datasheet(HTML) 1 Page - MolexKits

  15-24-6040 Datasheet HTML 1Page - MolexKits 15-24-6040 Datasheet HTML 2Page - MolexKits 15-24-6040 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0158
Receptacles, Plugs and Headers
4, 6, 8, 10, 14 and 18
6 Amps
Features and Benefits
Applications
Wire size:
Circuit Sizes:
600 Volts
24-18 AWG
Connector Type:
Voltage:
Current Rating:
Product Highlights
The Mini-Fit BMI™ is designed for high current/high density applications requiring
the blind mating of modules, subassemblies or printed circuit boards. The Mini-Fit
BMI™ allows a misalignment of up to .100". It is appropriate for both power and
signal applications as it can carry currents of up to 9.0A per circuit and has a 10mW
contact resistance. Mini-Fit BMI™ accepts the same terminals and application
tooling as for the Mini-Fit product family, further reducing your design and
qualification effort.
General Information
Molex / Waldom
(Wire-to-Board), (Wire-to-Wire) and (Board-to-Board)
4.20mm (.165")
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Design
Configuration:
Part Number:
76650-0158
Manufacturer:
Country of Origin:
Mini-Fit BMI™
Certificates:
Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and
Receptacle
Title:
Mini-Fit BMI Connector Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 15-24-6040

ManufacturerPart #DatasheetDescription
logo
MolexKits
15-24-6040 MOLEXKITS-15-24-6040 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
15-24-6040 MOLEX1-15-24-6040 Datasheet
380Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-2
15-24-6040 MOLEX11-15-24-6040 Datasheet
52Kb / 2P
   Mini-Fit짰 BMI Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 4
More results

Similar Description - 15-24-6040

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0015 MOLEXKITS-76650-0015 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com