Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02-09-1119 Datasheet(PDF) 1 Page - MolexKits

Part # 02-09-1119
Description  Panel Mount Single Row Plug and Receptacle, 5 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

02-09-1119 Datasheet(HTML) 1 Page - MolexKits

  02-09-1119 Datasheet HTML 1Page - MolexKits 02-09-1119 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0072
Wire to Wire
Product Highlights
Applications
Features and Benefits
Connector Type:
600 Volts
The Standard .093" is a durable and economical power or signal connector,
capable of carrying up to 12 amps per circuit. Tough Nylon housings and robust
terminal design create a durable, long lasting product. The Standard .093" products
are reliable and offer high value in features and price. These products are an
excellent choice for power or signal interconnect applications.
Mounting
Orientation:
Wire size:
22-18 AWG
Current Rating:
5 Amps
Voltage:
• Male and female terminals may be used in
either plug or receptacle housings
• Free hanging or panel mount housing
version available
• Round terminals may be oriented in any
direction for fast assembly
• Power Supplies
• Appliances
• Gaming Machines
• Vending Machines
• Refrigerators
• Washing Machines
• Copy Machines
General Information
Molex / Waldom
Panel Mount
5.03mm (.198 ")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
76650-0072
Manufacturer:
Country of Origin:
Standard .093"
Certificates:
Panel Mount Single Row Plug and Receptacle, 5 Circuit
Title:
.093" Power Connector Kit
Specifications
Circuit Sizes:
Plug and Receptacle
5
Pitch:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 02-09-1119

ManufacturerPart #DatasheetDescription
logo
MolexKits
02-09-1119 MOLEXKITS-02-09-1119 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
02-09-1119 MOLEXKITS-02-09-1119 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
02-09-1119 MOLEXKITS-02-09-1119 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
02-09-1119 MOLEXKITS-02-09-1119 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
02-09-1119 MOLEXKITS-02-09-1119 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
More results

Similar Description - 02-09-1119

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0066 MOLEXKITS-76650-0066 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 5 Circuit
76650-0059 MOLEXKITS-76650-0059 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 4 Circuit
76650-0060 MOLEXKITS-76650-0060 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 2 Circuit
76650-0058 MOLEXKITS-76650-0058 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 3 Circuit
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
76650-0063 MOLEXKITS-76650-0063 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
76650-0067 MOLEXKITS-76650-0067 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
76650-0064 MOLEXKITS-76650-0064 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 3 Circuit
76650-0068 MOLEXKITS-76650-0068 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
76650-0065 MOLEXKITS-76650-0065 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 4 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com