Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43640-0401 Datasheet(PDF) 1 Page - MolexKits

Part # 43640-0401
Description  3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43640-0401 Datasheet(HTML) 1 Page - MolexKits

  43640-0401 Datasheet HTML 1Page - MolexKits 43640-0401 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0159
Receptacles and Plugs
2, 3, 4, 5 and 6
5 Amps
Wire size:
Circuit Sizes:
250 Volts
(30-26) and (24-20) AWG
Connector Type:
Voltage:
Current Rating:
Product Highlights
The Micro-Fit 3.0 is a unique interconnect system designed to meet the need for
a high contact density signal or power connector and incorporates many of the
features previously found on larger power connectors. These 3.00mm (.118") pitch
connectors are the perfect choice when you need compact connectors that carry
up to 5 amperes of current. Micro-Fit products are available in more circuit sizes,
and dual row, and wire-to-board applications. The product family has over 500 part
numbers.
General Information
Molex / Waldom
Wire-to-Wire
3.0mm (.118")
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL, CSA and TUV
Design
Configuration:
Part Number:
76650-0159
Manufacturer:
Country of Origin:
Micro-Fit 3.0™
Certificates:
3.00mm (.118") Pitch Single Row Free Hanging Plug and Receptacle
Title:
Micro-Fit 3.0 Power Connector Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 43640-0401

ManufacturerPart #DatasheetDescription
logo
MolexKits
43640-0401 MOLEXKITS-43640-0401 Datasheet
21Kb / 3P
   Plugs, Receptacles
43640-0401 MOLEXKITS-43640-0401 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43640-0401 MOLEX5-43640-0401 Datasheet
259Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Single Row, without Panel Mount Ears, 4 Circuits
43640-0401 MOLEX-43640-0401 Datasheet
220Kb / 2P
   MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
43640-0401 MOLEX11-43640-0401 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, with Panel Mount Ears, 4 Circuits
More results

Similar Description - 43640-0401

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
logo
Molex Electronics Ltd.
0436450408 MOLEX5-0436450408 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 4
0436450608 MOLEX5-0436450608 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 6 Circuits
0436450708 MOLEX5-0436450708 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 7 Circuits
0436450208 MOLEX5-0436450208 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 2 Circuits
0436450308 MOLEX5-0436450308 Datasheet
159Kb / 2P
   3.00mm (.118") Pitch Micro-Fit 3.0??Receptacle Housing, Halogen Free, Single Row, 3 Circuits
logo
Tyco Electronics
1445049 MACOM-1445049 Datasheet
52Kb / 1P
   PLUG HOUSING, 2 TO 12 POSITION, SINGLE ROW, FREE HANGING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com