Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-03-0002 Datasheet(PDF) 1 Page - MolexKits

Part # 11-03-0002
Description  Panel Mount Plug and Receptacle, 36 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-03-0002 Datasheet(HTML) 1 Page - MolexKits

  11-03-0002 Datasheet HTML 1Page - MolexKits 11-03-0002 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0073
Wire to Wire
Product Highlights
24-18 AWG
Connector Type:
Pitch:
Mounting
Orientation:
Wire size:
Current Rating:
4 Amps
Voltage:
Features and Benefits
Applications
The Standard .062" is a durable and economical power or signal connector,
capable of carrying up to 5.0 amps per circuit. Tough Nylon housings and robust
terminal design create a durable, long lasting product. The Standard .062" products
are reliable and offer high value in features and price. These products are an
excellent choice for power or signal interconnect applications.
• Male and female terminals may be used in
either plug or receptacle housings
• Free hanging or panel mount housing
version available
• Round terminals may be oriented in any
direction for fast assembly
• Passive (friction lock)
• Power Supplies
• Appliances
• Gaming Machines
• Vending Machines
• Refrigerators
• Washing Machines
• Copy Machines
General Information
Molex / Waldom
Panel Mount
3.68mm (.145 ")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
Plug and Receptacle
76650-0073
Manufacturer:
Country of Origin:
Standard .062"
Certificates:
Panel Mount Plug and Receptacle, 36 Circuit
Title:
.062" Power Connector Kit
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
250 Volts
Specifications
Circuit Sizes:
36
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 11-03-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
logo
Molex Electronics Ltd.
11-03-0002 MOLEX11-11-03-0002 Datasheet
40Kb / 1P
   Manual Extraction Tool
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
logo
Molex Electronics Ltd.
11-03-0002 MOLEX-11-03-0002 Datasheet
153Kb / 2P
   Extractor Tool (HT2285)
12-07-16
logo
MolexKits
11-03-0002 MOLEXKITS-11-03-0002 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
More results

Similar Description - 11-03-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
76650-0063 MOLEXKITS-76650-0063 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
76650-0067 MOLEXKITS-76650-0067 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
76650-0064 MOLEXKITS-76650-0064 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 3 Circuit
76650-0068 MOLEXKITS-76650-0068 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
76650-0065 MOLEXKITS-76650-0065 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 4 Circuit
76650-0056 MOLEXKITS-76650-0056 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
76650-0071 MOLEXKITS-76650-0071 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 24 Circuit
76650-0055 MOLEXKITS-76650-0055 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
76650-0054 MOLEXKITS-76650-0054 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com