Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-01-2100 Datasheet(PDF) 2 Page - MolexKits

Part # 39-01-2100
Description  Plug and Receptacle, 10 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

39-01-2100 Datasheet(HTML) 2 Page - MolexKits

  39-01-2100 Datasheet HTML 1Page - MolexKits 39-01-2100 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0078
Molex Part No.
Quantity in
Kit
39-00-0039
Crimp Type Female Socket Terminals, 24-18 AWG
10
39-00-0041
Crimp Type Male Pin Terminals, 24-18 AWG
10
39-01-2100
10 Circuit Free Hanging Receptacle, 4.20mm (.165”) Pitch
1
39-01-2101
10 Circuit Panel Mount Plugs, 4.20mm (.165”) Pitch
1
Molex Part No.
63819-0900 *
Hand Crimp Tool
11-03-0044 *
Extraction Tool
Country
of Origin
USA
USA
Description
USA
Recommended Molex Tool(s) for Part No. 76650-0078*
Bill of Materials for Part No. 76650-0078
Description
Country
of Origin
Sweden
Sweden
USA
*Tools not included in kit. Tools ordered separately.
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 39-01-2100

ManufacturerPart #DatasheetDescription
logo
MolexKits
39-01-2100 MOLEXKITS-39-01-2100 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
39-01-2100 MOLEXKITS-39-01-2100 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
39-01-2100 MOLEXKITS-39-01-2100 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
39-01-2100 MOLEXKITS-39-01-2100 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
39-01-2100 MOLEXKITS-39-01-2100 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
More results

Similar Description - 39-01-2100

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0075 MOLEXKITS-76650-0075 Datasheet
38Kb / 2P
   Plug and Receptacle, 4 Circuit
76650-0079 MOLEXKITS-76650-0079 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0076 MOLEXKITS-76650-0076 Datasheet
38Kb / 2P
   Plug and Receptacle, 6 Circuit
76650-0081 MOLEXKITS-76650-0081 Datasheet
38Kb / 2P
   Plug and Receptacle, 16 Circuit
76650-0077 MOLEXKITS-76650-0077 Datasheet
38Kb / 2P
   Plug and Receptacle, 8 Circuit
76650-0074 MOLEXKITS-76650-0074 Datasheet
38Kb / 2P
   Plug and Receptacle, 2 Circuit
76650-0086 MOLEXKITS-76650-0086 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 10 Circuit
logo
Molex Electronics Ltd.
03-06-1022-P MOLEX11-03-06-1022-P Datasheet
240Kb / 3P
   PLUG AND RECEPTACLE 2 CIRCUIT HOUSINGS
logo
MolexKits
76650-0093 MOLEXKITS-76650-0093 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 10 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com