Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52213-0417 Datasheet(PDF) 1 Page - MolexKits

Part # 52213-0417
Description  Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

52213-0417 Datasheet(HTML) 1 Page - MolexKits

  52213-0417 Datasheet HTML 1Page - MolexKits 52213-0417 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0166
Description:
Product Family:
Specifications
Certificates:
Sealed Plug and Receptacle, JIS D0203 S2 Waterproof Compliant
Mini-Splash Proof
(Molex Parts within this kit) - EU RoHS Compliant
Country of Origin: Kit assembled in U.S.A.
General Information
Molex / Waldom
Part Number:
76650-0166
Manufacturer:
2.50 mm (.098") pitch Mini-Splash Proof, is a 2-4 circuit water-resistant WTW
connector system. Mini-Splash Proof connectors are sealed for moisture
environments, and JIS D0203 S2 Waterproof Compliant.
25 Volts
Features and Benefits
Applications
Wire:
22-20 AWG
Voltage:
• JIS D0203 S2 waterproof compliant
• Unique seal stopper design provides low
insertion force
• For tight packaging applications
• User-friendly friction lock saves space and
protects locking latch area
• Polarizing rib to ensure proper mating
• Unique spring-beam design provides high
pressure and small deflection for high
vibration applications
• Stabilizing bump at tip keeps terminal in
place during mating
• Raised split-beam design provides
polarization
• Seal is in housing to simplify crimping
process
• Motorcycle
• Recreation Vehicle
• Marine/Boat
• Bus
• Automobile Door Mirror
• Heated Toilet Seat
• Bug Zapper
• Outdoor Lighted Sign
• Vending Machine
• Medical
• Factory Automation Equipment
2, 3 and 4
Current Rating:
Wire-to-Wire
Product Highlights
Design
Configuration:
Connector Type:
Receptacles and Plugs
Pitch:
2.50mm (.098")
Title:
Sealed Splash Proof Connector Kit
(3-4) Amp - Dependant on Wire Gauge
Circuit Sizes:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 52213-0417

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52213-0417 MOLEX-52213-0417 Datasheet
216Kb / 2P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
52213-0417 MOLEX7-52213-0417 Datasheet
167Kb / 3P
   2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 3 and 4 CircuitVersion, 4 Circuits
More results

Similar Description - 52213-0417

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
3352D01410 POWERDYNAMICS-3352D01410 Datasheet
289Kb / 1P
   Waterproof RJ45 Sealed Jack With Cable and Plug (IP68)
logo
MolexKits
76650-0186 MOLEXKITS-76650-0186 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
76650-0144 MOLEXKITS-76650-0144 Datasheet
39Kb / 3P
   Circular Sealed Plug and Receptacle, IP-67
76650-0149 MOLEXKITS-76650-0149 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
76650-0032 MOLEXKITS-76650-0032 Datasheet
39Kb / 3P
   Dual Row Sealed Plug and Receptacle, IP-67
logo
DDK Ltd.
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE01 DDK-CE01 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
logo
Panasonic Semiconductor
TQ4-5V PANASONIC-TQ4-5V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com