Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-05-7035 Datasheet(PDF) 1 Page - MolexKits

Part # 22-05-7035
Description  Vertical and Right Angle Header and Receptacle.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-05-7035 Datasheet(HTML) 1 Page - MolexKits

  22-05-7035 Datasheet HTML 1Page - MolexKits 22-05-7035 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0167
Headers and Receptacle
Vertical and Right Angle
Circuit Sizes:
Features and Benefits
Applications
(1.5 - 3) Amps - Dependant on Wire Gauge
Voltage:
28-22 AWG
Current Rating:
The name Spox comes from the shape of the terminal, which is like a "spring box".
This design style provides multiple points of contact, protects the mating interface
area, and prevents fish-hooking from wires during handling.
• Very low profile
• Anti-fishhooking design
• Box style terminal, multiple contact points
and protects pin contact area from
contamination during handling
• 0.70mm (.027") round pins
• Polarization keys, ensure correct mating
• Friction locks, secure mating retention
• Molded-in pull tabs
General Information
Molex / Waldom
Wire-to-Board
2.5mm (.098")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Design
Configuration:
Part Number:
76650-0167
Manufacturer:
Country of Origin:
Mini-Spox™
Certificates:
Vertical and Right Angle Header and Receptacle.
Title:
Mini-SPOX Connector Kit
Specifications
Product Highlights
Pitch:
Mounting
Orientation:
2, 3, 4, 5 and 6
Wire size:
250 Volts AC rms / DC
Connector Type:
• Office Automation: Printers, Fax machines,
Scanners, Copiers
• Telecom: Servers, Hubs, Switches, Routers
• Measuring / Analyzing Equipment, Security
systems / alarms, Medical monitoring,
Lab equipment
• Entertainment: Set-top boxes, Car stereos,
Video / DVD products
• Other applications: Vending machines,
Gaming machines, Fitness equipment
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 22-05-7035

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-05-7035 MOLEXKITS-22-05-7035 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
22-05-7035 MOLEX2-22-05-7035 Datasheet
149Kb / 4P
   2.50mm (.098) Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 3 Circuits
22-05-7035 MOLEX11-22-05-7035 Datasheet
43Kb / 2P
   2.50mm Pitch SPOX??Wire-to-Board Header, Right Angle, Shrouded, Friction Lock, 3 Circuits
More results

Similar Description - 22-05-7035

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0156 MOLEXKITS-76650-0156 Datasheet
39Kb / 3P
   Secure and Space Saving Vertical and Right Angle Header, and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com