Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH9930L Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PH9930L
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH9930L Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PH9930L Datasheet HTML 4Page - NXP Semiconductors PH9930L Datasheet HTML 5Page - NXP Semiconductors PH9930L Datasheet HTML 6Page - NXP Semiconductors PH9930L Datasheet HTML 7Page - NXP Semiconductors PH9930L Datasheet HTML 8Page - NXP Semiconductors PH9930L Datasheet HTML 9Page - NXP Semiconductors PH9930L Datasheet HTML 10Page - NXP Semiconductors PH9930L Datasheet HTML 11Page - NXP Semiconductors PH9930L Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PH9930L_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 23 August 2007
9 of 12
NXP Semiconductors
PH9930L
N-channel TrenchMOS logic level FET
7.
Package outline
Fig 15. Package outline SOT669 (LFPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
04-10-13
06-03-16
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - PH9930L

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
PH9.4 FERROXCUBE-PH9.4 Datasheet
41Kb / 3P
   PH cores
PH9.4-3D3 FERROXCUBE-PH9.4-3D3 Datasheet
41Kb / 3P
   PH cores
logo
Pulse A Technitrol Comp...
PH9006NL PULSE-PH9006NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
logo
NXP Semiconductors
PH9025L NXP-PH9025L Datasheet
92Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-23 August 2007
PH9030L NXP-PH9030L Datasheet
162Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-29 July 2008
More results

Similar Description - PH9930L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com