Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87833-1020 Datasheet(PDF) 2 Page - MolexKits

Part # 87833-1020
Description  Vertical and Right Angle Header, IDT Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

87833-1020 Datasheet(HTML) 2 Page - MolexKits

  87833-1020 Datasheet HTML 1Page - MolexKits 87833-1020 Datasheet HTML 2Page - MolexKits 87833-1020 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0175
Molex Part No.
Quantity in
Kit
87568-1063
8
87568-1493
6
87568-3093
4
87568-4093
4
87831-1020
4
87831-1420
3
87831-3020
2
87831-4020
2
87833-1020
4
87833-1420
3
87833-3020
2
87833-4020
2
2.0mm (.079") Pitch 14 Circuit Milli-Grid Right Angle Header
Singapore
Description
Singapore 2.0mm (.079") Pitch 40 Circuit Milli-Grid Right Angle Header
Singapore
2.0mm (.079") Pitch 10 Circuit Milli-Grid Right Angle Header
2.0mm (.079") Pitch 30 Circuit Milli-Grid Right Angle Header
Singapore
2.0mm (.079") Pitch 30 Circuit Milli-Grid IDT with Polarization
& Lock Ramp Receptacle
Singapore
2.0mm (.079") Pitch 14 Circuit Milli-Grid IDT with Polarization
& Lock Ramp Receptacle
2.0mm (.079") Pitch 10 Circuit Milli-Grid IDT Receptacle
Singapore
• Pre-loaded upper housing offers precise
cover-to-base alignment, ensuring a
reliable termination
• Locking ramps provide strong retention
force to header
• Fully shrouded to protect pins during
mating/unmating
• Center polarization slot, prevents
mismating
• Locking windows, secures firm locking to
receptacle
• Front latches for mechanical locking
• Early-entry single-beam contact provides
long wiping action during mating
• Office Automation: Printers, Fax machines,
Scanners, Copiers
• Telecom: Servers, Hubs, Switches, Routers
• Other applications: Vending machines, Gaming
machines, Fitness equipment
• Computer / Peripherals: Disk Drives, Storage,
Servers, Notebook PC, Modems, Motherboards,
Monitors
• Measuring / Analyzing Equipment: Security
systems / alarms, Medical monitoring, Lab
equipment
• Entertainment: Set-top boxes, Car stereos,
Video / DVD products
• Brown Goods
Features and Benefits
Applications
Singapore
Singapore
Singapore
Country
of Origin
Singapore
Singapore
Singapore
Bill of Materials for Part No. 76650-0175
2.0mm (.079") Pitch 40 Circuit Milli-Grid Vertical Header
2.0mm (.079") Pitch 30 Circuit Milli-Grid Vertical Header
2.0mm (.079") Pitch 14 Circuit Milli-Grid Vertical Header
2.0mm (.079") Pitch 40 Circuit Milli-Grid IDT with Polarization
& Lock Ramp Receptacle
2.0mm (.079") Pitch 10 Circuit Milli-Grid Vertical Header
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 87833-1020

ManufacturerPart #DatasheetDescription
logo
MolexKits
87833-1020 MOLEXKITS-87833-1020 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
87833-1020 MOLEX10-87833-1020 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 10 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator
More results

Similar Description - 87833-1020

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0188 MOLEXKITS-76650-0188 Datasheet
40Kb / 3P
   Vertical Header and IDT Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com