Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD38N02LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHD38N02LT
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHD38N02LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHD38N02LT Datasheet HTML 1Page - NXP Semiconductors PHD38N02LT Datasheet HTML 2Page - NXP Semiconductors PHD38N02LT Datasheet HTML 3Page - NXP Semiconductors PHD38N02LT Datasheet HTML 4Page - NXP Semiconductors PHD38N02LT Datasheet HTML 5Page - NXP Semiconductors PHD38N02LT Datasheet HTML 6Page - NXP Semiconductors PHD38N02LT Datasheet HTML 7Page - NXP Semiconductors PHD38N02LT Datasheet HTML 8Page - NXP Semiconductors PHD38N02LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PHD38N02LT_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 2 February 2007
5 of 12
NXP Semiconductors
PHD38N02LT
N-channel TrenchMOS logic level FET
6.
Characteristics
Table 5.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown
voltage
ID = 250 µA; VGS =0V
Tj =25 °C
20
--V
Tj = −55 °C
18
--V
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS; see Figure 9 and 10
Tj =25 °C
0.5
1.0
1.5
V
Tj = 175 °C
0.3
-
-
V
Tj = −55 °C
-
-
1.8
V
IDSS
drain leakage current
VDS =20V; VGS =0V
Tj =25 °C
-
0.05
1.0
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate leakage current
VGS = ±12 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID = 25 A; see Figure 6 and 8
Tj =25 °C
-
13.5
16
m
Tj = 175 °C
-
24.3
28.8
m
Dynamic characteristics
QG(tot)
total gate charge
ID = 25 A; VDS =10V; VGS =5V;
see Figure 11 and 12
-
15.1
-
nC
QGS
gate-source charge
-
4.5
-
nC
QGD
gate-drain charge
-
4.2
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz;
see Figure 14
-
800
-
pF
Coss
output capacitance
-
260
-
pF
Crss
reverse transfer capacitance
-
190
-
pF
td(on)
turn-on delay time
VDS =10V; ID = 25 A; VGS =10V;
RG = 5.6 Ω
-4
-ns
tr
rise time
-
12.5
-
ns
td(off)
turn-off delay time
-
30
-
ns
tf
fall time
-23
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; see Figure 13
-
0.98
1.2
V


Similar Part No. - PHD38N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD38N02LT PHILIPS-PHD38N02LT Datasheet
252Kb / 13P
   TrenchMOS logic level FET
Rev. 01-30 June 2003
logo
Inchange Semiconductor ...
PHD38N02LT ISC-PHD38N02LT Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PHD38N02LT NEXPERIA-PHD38N02LT Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 2 February 2007
More results

Similar Description - PHD38N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com