Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-03-2061 Datasheet(PDF) 1 Page - MolexKits

Part # 22-03-2061
Description  Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-03-2061 Datasheet(HTML) 1 Page - MolexKits

  22-03-2061 Datasheet HTML 1Page - MolexKits 22-03-2061 Datasheet HTML 2Page - MolexKits 22-03-2061 Datasheet HTML 3Page - MolexKits 22-03-2061 Datasheet HTML 4Page - MolexKits 22-03-2061 Datasheet HTML 5Page - MolexKits 22-03-2061 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0192
* SEARAY is a trademark of Samtec, Inc.
** HDM® is a registered trademark of Amphenol Corporation
General Information
Molex / Waldom
Board-to-Board
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Design
Configuration:
Part Number:
76650-0192
Manufacturer:
Country of Origin:
Certificates:
Includes KK100, HDM, EBBI 50D, SEARAY, Plateau HS Mezz, IEEE1386,
SlimStack Product Families. Pitches range: 0.635mm (.025)" - 2.54mm (0.1)"
Mezzanine IEEE 1386, HDM®**, SlimStack™, KK® 100, EBBI™ 50D, Plateau HS
Mezz™, and SEARAY*
Title:
Deluxe Board Stacking Application Kit
(Molex Parts within this kit) - EU RoHS and RoHS by Exempt Compliant
Product Highlights
The SEARAY board-to-board connector is designed for computer, networking,
telecom, storage and general market applications with high pin-count devices or
memory modules that are mounted on mezzanine or module PC Boards (PCBs).
The design of our SEARAY has superior electrical and mechanical features that are
cost competitive. The unique, Molex-patented, solder charge technology results in
better process yields and a lower applied cost versus equivalent BGA connector
products. Circuit sizes range from 160 through 500 positions, and mated stack
heights cover 7mm (.276") to 13mm (.512").
Molex's SlimStack connectors are tested to accommodate frequency rates up to 3
GHz for various high-speed applications. With a broad range of circuit sizes and
stack heights, SlimStack offers an economical way to achieve high-speed
performance in both 50 and 100 Ohm systems.
Utilizes proprietary Plateau Technology™ (plated gold housing) to provide a high-
speed high-density mezzanine connector system for differential and single-ended
signal applications. The gold-plated plastic shields each differential pair from neigh-
boring pairs, lowering crosstalk and improving signal clarity. Different stack heights
and circuit sizes provide flexibility in design and grounding the conductive housing
eliminates the need for individual ground pin designations within the connector.
30, 100 and 240 Volts
0.5, 1.0, 1.5, 2.5 and 4 Amps
0.635mm (.025"), 1.0mm (.039"), 1.20mm (.047"), 1.27mm (.050"), [1.27mm
(.050")]sq. , 2mm (.079"), and 2.54mm (.100")
Circuit Sizes:
Connector Type:
Receptacles and Headers/Plugs
Pitch:
2, 3, 4, 6, 8, 12, 20, 50, 64, 72 and 200
Voltage:
Current Rating:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6


Similar Part No. - 22-03-2061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2061 ETC1-22-03-2061 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
MolexKits
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,6 Circuit
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
23Kb / 3P
   PCB Through Hole
More results

Similar Description - 22-03-2061

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0146 MOLEXKITS-76650-0146 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
Intel Corporation
325119-001 INTEL-325119-001 Datasheet
3Mb / 174P
   Intel짰 Xeon짰 Processor E7-8800/4800/2800 Product Families
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Molex Electronics Ltd.
5017500874 MOLEX11-5017500874 Datasheet
86Kb / 3P
   0.635mm (.025") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 5.00mm
logo
TE Connectivity Ltd
120521 TEC-120521 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
logo
Adam Technologies, Inc.
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
Molex Electronics Ltd.
0751400017 MOLEX9-0751400017 Datasheet
321Kb / 5P
   1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com