Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD78NQ03LT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHD78NQ03LT
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHD78NQ03LT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHD78NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 10Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 11Page - NXP Semiconductors PHD78NQ03LT Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PHD78NQ03LT_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 11 June 2009
9 of 12
NXP Semiconductors
PHD78NQ03LT
N-channel TrenchMOS logic level FET
7.
Package outline
Fig 15. Package outline SOT428 (DPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
06-02-14
06-03-16
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface-mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.46
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


Similar Part No. - PHD78NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD78NQ03LT PHILIPS-PHD78NQ03LT Datasheet
292Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
logo
VBsemi Electronics Co.,...
PHD78NQ03LT VBSEMI-PHD78NQ03LT Datasheet
1,016Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - PHD78NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com