Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501645-1420 Datasheet(PDF) 1 Page - MolexKits

Part # 501645-1420
Description  Positive Lock Vertical Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

501645-1420 Datasheet(HTML) 1 Page - MolexKits

  501645-1420 Datasheet HTML 1Page - MolexKits 501645-1420 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0199
iGrid wire-to-board connector system offers a compact design and anti-tangle
internal lock for applications such as gaming machines, appliances, industrial and
other equipment requiring good mating retention. The unique inner lock of iGrid
prevents wire from getting tangled in the latch, compared to outer lock types where
such damage may occur. The internal lock also provides space savings, an audible
click and a robust design to withstand rugged handling.
• GPS
• Vending and Gaming machines
• HVAC
• Microwave ovens
• Medical
• Fitness equipment
• Compact design saves PCB real estate
• Fully shrouded headers withstand rugged
handling and vibration
• Polarization between housing and terminal
always seats properly in housing
• Internal lock prevents wire tangling; space
saving
Features and Benefits
Applications
10,12,14,16 and 18
Current Rating:
(1.5 - 2) Amps depending on AWG
Circuit Sizes:
Product Highlights
Wire size:
250 Volts
26-22 AWG
Voltage:
General Information
Molex / Waldom
Wire-to-Board
2.00mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0199
Manufacturer:
Country of Origin:
iGrid™
Certificates:
Positive Lock Vertical Header and Receptacle
(Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
iGrid Connector Kit
Specifications
Pitch:
Mounting
Orientation:
Connector Type:
Receptacle and Header
Vertical
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 501645-1420

ManufacturerPart #DatasheetDescription
logo
MolexKits
501645-1420 MOLEXKITS-501645-1420 Datasheet
22Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
501645-1420 MOLEX11-501645-1420 Datasheet
124Kb / 3P
   2.00mm (.079") Pitch iGrid Wire-to-Board Header, Dual Row, Vertical, with PCB Locator, 14 Circuits, Lead-free
More results

Similar Description - 501645-1420

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0115 MOLEXKITS-76650-0115 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical Header and Receptacle
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com