Selected language     English  ▼


W-HT-1919 Datasheet(PDF) 2 Page - MolexKits

Part No. W-HT-1919
Description  KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEXKITS [MolexKits]
Homepage  http://www.molexkits.com
Logo 

   
 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0196
Molex Part No.
Quantity in
Kit
45570-3050
100
09-50-8023
10
09-50-8033
5
09-50-8043
5
09-50-8053
4
09-50-8063
4
09-50-8103
3
26-48-1021
10
26-48-1031
5
26-48-1041
5
26-48-1051
4
26-48-1061
4
26-48-1101
3
26-48-1022
10
26-48-1032
5
USA
• Utilizes spring-box design, provides high-
force interface assuring good contact over
broader temperatures
• Head-and tail-carried design, eliminates
customer s need to monitor cutoff
dimension in application tooling
• High conductivity alloy, Increased current-
carrying capability; up to 13.5A per line
based on a 2-circuit system
• Four truly independent points of contact,
assures a highly reliable interface
• Operating Temperature (-40 to 105) ˚C
3.96mm (.156”) Pitch 6 Circuit Crimp Type Receptacle
Country
of Origin
3.96mm (.156”) Pitch KK 2 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch 3 Circuit Crimp Type Receptacle
Bill of Materials for Part No. 76650-0196
Female Terminal MarKK™ (20-18) AWG, Pre-Tinned Plating
USA
Description
3.96mm (.156”) Pitch 2 Circuit Crimp Type Receptacle
• General market product, serves a wide variety of
industries
• Large and small computers
• Appliances (white goods/brown goods)
• HVAC
• Diagnostic equipment
USA
Mexico
Mexico
3.96mm (.156”) Pitch 4 Circuit Crimp Type Receptacle
3.96mm (.156”) Pitch 5 Circuit Crimp Type Receptacle
USA
USA
USA
USA
3.96mm (.156”) Pitch 10 Circuit Crimp Type Receptacle
3.96mm (.156”) Pitch KK 3 Circuit Vertical Breakaway
Headers
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
3.96mm (.156”) Pitch KK 4 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 5 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 6 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 10 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 2 Circuit Right Angle Breakaway
Headers
3.96mm (.156”) Pitch KK 3 Circuit Right Angle Breakaway
Headers
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl