Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB-XX3.3S Datasheet(PDF) 1 Page - Recom International Power

Part # RB-XX3.3S
Description  1 Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-XX3.3S Datasheet(HTML) 1 Page - Recom International Power

  RB-XX3.3S Datasheet HTML 1Page - Recom International Power RB-XX3.3S Datasheet HTML 2Page - Recom International Power RB-XX3.3S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(2kV)
(VDC)
(VDC)
(mA)
(%)
RB-xx3.3S
(H)
3.3, 5,12, 15, 24
3.3
303
75
RB-xx05S
(H)
3.3, 5,12, 15, 24
5
200
70-78
RB-xx09S
(H)
3.3, 5,12, 15, 24
9
111
70-78
RB-xx12S
(H)
3.3, 5, 12, 15, 24
12
84
78-80
RB-xx15S
(H)
3.3, 5,12, 15, 24
15
66
80-84
RB-xx24S
(H)
3.3, 5,12, 15, 24
24
42
74-85
RB-xx3.3D
(H)
3.3, 5, 12, 15, 24
±3.3
±152
70
RB-xx05D
(H)
3.3, 5,12, 15, 24
±5
±100
70-78
RB-xx09D
(H)
3.3, 5,12, 15, 24
±9
±56
76-79
RB-xx12D
(H)
3.3, 5,12, 15, 24
±12
±42
78-82
RB-xx15D
(H)
3.3, 5, 12, 15, 24
±15
±33
80-84
RB-xx24D
(H)
3.3, 5,12, 15, 24
±24
±21
80-84
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RB-0505S/P, RB-0505S/HP
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output type
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
Single output types
100mVp-p max.
Dual output types
±75mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
Single
101mW min. / 126mW typ. / 238mW max.
Dual
87mW min. / 130mW typ. / 228mW max.
Maximum Capacitive Load
33µF / ±10µF
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
1 Watt
SIP7
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
Low Cost 1W Converter
Power Sharing on Dual Output Version
Industry Standard Pinout
1kVDC or 2kVDC Isolation Options
Optional Continuous Short Circuit Protected
UL94V-0 Package Material
Efficiency to 85 %
Features
Unregulated
Converters
Description
The RB series DC/DC converter has been designed for isolating or converting DC power rails in
general purpose applications. Although low cost, it does not compromise on features and
offers 1KVDC or 2kVDC isolation , a –40°C to +85°C operating temperature range and
optional continuous short circuit protection.
EN-60950-1 Certified
RB
ECONOLINE
DC/DC-Converter
Refer to Application Notes
REV: 1/2010
www.recom-electronic.com
E-26
RoHS
2002/95/EC
6/6


Similar Part No. - RB-XX3.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
More results

Similar Description - RB-XX3.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com