Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RO-xx3.3S Datasheet(PDF) 1 Page - Recom International Power

Part # RO-xx3.3S
Description  1 Watt SIP4 Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RO-xx3.3S Datasheet(HTML) 1 Page - Recom International Power

  RO-xx3.3S Datasheet HTML 1Page - Recom International Power RO-xx3.3S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
RO
www.recom-international.com
E-21
REV:0/2010
EN-60950-1 Certified
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
1 Watt
SIP4
Single Output
Derating-Graph
(Ambient Temperature)
Industry Standard Pinout
1kVDC or 2kVDC Isolation
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Fully Encapsulated
Custom Solutions Available
Efficiency to 85 %
Features
Unregulated
Converter
}DetailedInformationsee
Application Notes chapter "MTBF"
Description
The RO DC/DC converters are typically used in general purpose power isolation and voltage matching
applications, and feature a full industrial operating temperature range of -40°C ~ +85°C without derating.
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 4
(2kV)
(VDC)
(VDC)
(mA)
(%)
RO-xx3.3S
(H)
3.3, 5, 12, 15, 24
3.3
303
75
RO-xx05S
(H)
3.3, 5, 12, 15, 24
5
200
78-80
RO-xx09S
(H)
3.3, 5, 12, 15, 24
9
111
78-80
RO-xx12S
(H)
3.3, 5, 12, 15, 24
12
83
80-84
RO-xx15S
(H)
3.3, 5, 12, 15, 24
15
66
80-84
RO-xx24S
(H)
3.3, 5, 12, 15, 24
24
42
78-85
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RO-0505S/P, RO-0505S/HP
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output type
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
101mW min. / 126mW typ. / 220mW max.
Maximum Capacitive Load
33µF
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Package Weight
1.4g
Packing Quantity
42 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
985 x 103 hours
(+85°C)
using MIL-HDBK 217F
200 x 103 hours
Refer to Application Notes
RoHS
2002/95/EC
6/6


Similar Part No. - RO-xx3.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-0505S RECOM-RO-0505S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-0505S RECOM-RO-0505S Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-0505S RECOM-RO-0505S Datasheet
90Kb / 2P
   High Efficiency up to 84%
RO-0505S/E RECOM-RO-0505S/E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
RO-0505S/EH RECOM-RO-0505S/EH Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
More results

Similar Description - RO-xx3.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
   1 Watt SIP4 Micro Size Single Output
ROM RECOM-ROM Datasheet
97Kb / 3P
   1 Watt SIP4 Micro Size Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com