Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RW2-1209D Datasheet(PDF) 1 Page - Recom International Power

Part # RW2-1209D
Description  2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RW2-1209D Datasheet(HTML) 1 Page - Recom International Power

  RW2-1209D Datasheet HTML 1Page - Recom International Power RW2-1209D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
RW2
www.recom-international.com
E-87
REV:0/2010
Part Number
Input
Rated Output Output Current
Efficiency
Capacitive
Voltage Range
Voltage
Full Load
typ./nom Vin
Load max.
DIP16 (Mini & SMD)
(VDC)
(VDC)
(mA)
(%)
µF
RW2-053.3S (H2/H3)
4.5 - 9
3.3
500
68
1000µF
RW2-0505S (H2/H3)
4.5 - 9
5
400
73
1000µF
RW2-0512S (H2/H3)
4.5 - 9
12
166
75
220µF
RW2-0515S (H2/H3)
4.5 - 9
15
134
75
100µF
RW2-123.3S (H2/H3)
9 - 18
3.3
500
69
1000µF
RW2-1205S (H2/H3)
9 - 18
5
400
75
1000µF
RW2-1212S (H2/H3)
9 - 18
12
166
80
220µF
RW2-1215S (H2/H3)
9 - 18
15
134
80
100µF
RW2-243.3S (H2/H3)
18 - 36
3.3
500
70
1000µF
RW2-2405S (H2/H3)
18 - 36
5
400
78
1000µF
RW2-2412S (H2/H3)
18 - 36
12
166
83
220µF
RW2-2415S (H2/H3)
18 - 36
15
134
83
100µF
RW2-483.3S (H2/H3)
36 - 72
3.3
500
73
1000µF
RW2-4805S (H2/H3)
36 - 72
5
400
76
1000µF
RW2-4812S (H2/H3)
36 - 72
12
166
81
220µF
RW2-4815S (H2/H3)
36 - 72
15
134
81
100µF
RW2-0505D (H2/H3)
4.5 - 9
±5
±200
73
±470µF
RW2-0509D (H2/H3)
4.5 - 9
±9
±111
74
±220µF
RW2-0512D (H2/H3)
4.5 - 9
±12
±83
75
±100µF
RW2-0515D (H2/H3)
4.5 - 9
±15
±67
75
±47µF
RW2-1205D (H2/H3)
9 - 18
±5
±200
75
±470µF
RW2-1209D (H2/H3)
9 - 18
±9
±111
78
±220µF
RW2-1212D (H2/H3)
9 - 18
±12
±83
80
±100µF
RW2-1215D (H2/H3)
9 - 18
±15
±67
80
±47µF
RW2-2405D (H2/H3)
18 - 36
±5
±200
78
±470µF
RW2-2409D (H2/H3)
18 - 36
±9
±111
81
±220µF
RW2-2412D (H2/H3)
18 - 36
±12
±83
83
±100µF
RW2-2415D (H2/H3)
18 - 36
±15
±67
83
±47µF
RW2-4805D (H2/H3)
36 - 72
±5
±200
78
±470µF
RW2-4809D (H2/H3)
36 - 72
±9
±111
81
±220µF
RW2-4812D (H2/H3)
36 - 72
±12
±83
83
±100µF
RW2-4815D (H2/H3)
36 - 72
±15
±67
83
±47µF
Standard Isolation is 1kVDC. Add suffix “/H2” for 2kVDC Isolation, “/H3” for 3kVDC Isolation.
Add no suffix for standard case style, “/SMD” for SMD package or “/B” for smaller case size
e.g. RW2-0505S/H3, RW2-0505D/H2/SMD or RW2-0505S/B
2 Watt
DIP16, Mini
DIP16 & SMD
Single & Dual
Output
2:1 Wide Range Voltage Input
1kVDC, 2kVDC and 3kVDC Isolation
Approved for Medical Applications
Continuous Short Circuit Protection
Low Ripple and Noise
DIP16, mini DIP16 and SMD Cases Styles
Efficiency to 83 %
Features
Regulated
Converters
Selection Guide
100
60
20
40
95
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Description
High power-density, 2:1 input voltage range and a wide temperature range of -40°C to +85°C are just some of the
characteristics of this versatile DIP16 converter, ideal for highly sophisticated industrial and medical designs where
a regulated converter is required but space is at a premium. Three different case styles and isolation options are
available.
EN-60950-1 Certified
(All Suffixes)
EN-60601-1 Certified
(Suffixes /H2 and /H3)
Refer to Application Notes
RoHS
2002/95/EC
6/6


Similar Part No. - RW2-1209D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW2-1209D RECOM-RW2-1209D Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
RW2-1209D RECOM-RW2-1209D Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
RW2-1209DH2 RECOM-RW2-1209DH2 Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
RW2-1209DH2SMD RECOM-RW2-1209DH2SMD Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
RW2-1209DH3 RECOM-RW2-1209DH3 Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
More results

Similar Description - RW2-1209D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RW2-053.3S RECOM-RW2-053.3S Datasheet
102Kb / 2P
   2 Watt DIP16 & SMD Single & Dual Output
logo
PEAK electronics GmbH
PB10FG-1205Z21 PEAK-PB10FG-1205Z21 Datasheet
216Kb / 2P
   1KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB10FG-1205Z21H30 PEAK-PB10FG-1205Z21H30 Datasheet
216Kb / 2P
   3KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP16
PB10FG-1205E21 PEAK-PB10FG-1205E21 Datasheet
215Kb / 2P
   1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
PB10FG-1205E21H30 PEAK-PB10FG-1205E21H30 Datasheet
215Kb / 2P
   3KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3Z21H30 PEAK-PB6FG-123R3Z21H30 Datasheet
218Kb / 2P
   3KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
PB6FG-123R3E21 PEAK-PB6FG-123R3E21 Datasheet
217Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
PB6FG-123R3E21H30 PEAK-PB6FG-123R3E21H30 Datasheet
217Kb / 2P
   3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP16
logo
Microdc power Technolog...
2A-YJD MICRODC-2A-YJD Datasheet
747Kb / 6P
   2W,Wide Input , Isolated&Regulated Dual/Single Output DIP16 DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com