Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMH9 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIMH9
Description  NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMH9 Datasheet(HTML) 2 Page - NXP Semiconductors

  PIMH9 Datasheet HTML 1Page - NXP Semiconductors PIMH9 Datasheet HTML 2Page - NXP Semiconductors PIMH9 Datasheet HTML 3Page - NXP Semiconductors PIMH9 Datasheet HTML 4Page - NXP Semiconductors PIMH9 Datasheet HTML 5Page - NXP Semiconductors PIMH9 Datasheet HTML 6Page - NXP Semiconductors PIMH9 Datasheet HTML 7Page - NXP Semiconductors PIMH9 Datasheet HTML 8Page - NXP Semiconductors PIMH9 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Apr 14
2
NXP Semiconductors
Product data sheet
NPN/NPN resistor-equipped transistors;
R1 = 10 k
Ω, R2 = 47 kΩ
PIMH9; PUMH9;
PEMH9
FEATURES
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
NPN/NPN resistor-equipped transistor (see “Simplified
outline, symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
50
V
IO
output current (DC)
100
mA
TR1
NPN
TR2
NPN
R1
bias resistor
10
k
Ω
R2
bias resistor
47
k
Ω
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE
PNP/PNP
COMPLEMENT
NPN/PNP
COMPLEMENT
PHILIPS
EIAJ
PEMH9
SOT666
H9
PEMB9
PEMD9
PIMH9
SOT457
SC-74
H9
PUMH9
SOT363
SC-88
H*9(1)
PUMB9
PUMD9
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PEMH9
1
emitter TR1
PIMH9
2
base TR1
PUMH9
3
collector TR2
4
emitter TR2
5
base TR2
6
collectorTR1
handbook, halfpage
MHC049
12
3
4
6
5
Top view
65
4
12
3
R2
TR1
TR2
R1
R1
R2


Similar Part No. - PIMH9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMH9 PHILIPS-PIMH9 Datasheet
48Kb / 8P
   NPN resistor-equipped double transistor; R1 = 10 kohm, R2 = 47 kohm
2001 Sep 13
logo
Nexperia B.V. All right...
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
   NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
PIMH9 NEXPERIA-PIMH9 Datasheet
790Kb / 18P
   NPN/NPN resistor-equipped transistors; R1 = 10 k, R2 = 47 k
Rev. 5 - 12 November 2013
More results

Similar Description - PIMH9

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144V NXP-PDTC144V Datasheet
147Kb / 11P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com