Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCP330 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXCP330
Description  SWITCHED CAPACITOR DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCP330 Datasheet(HTML) 8 Page - Zetex Semiconductors

  ZXCP330 Datasheet HTML 1Page - Zetex Semiconductors ZXCP330 Datasheet HTML 2Page - Zetex Semiconductors ZXCP330 Datasheet HTML 3Page - Zetex Semiconductors ZXCP330 Datasheet HTML 4Page - Zetex Semiconductors ZXCP330 Datasheet HTML 5Page - Zetex Semiconductors ZXCP330 Datasheet HTML 6Page - Zetex Semiconductors ZXCP330 Datasheet HTML 7Page - Zetex Semiconductors ZXCP330 Datasheet HTML 8Page - Zetex Semiconductors ZXCP330 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ZXCP330
PROVISIONAL ISSUE A - DECEMBER 2001
8
Device Pin
Pin description
Pin description
1
Output voltage
V
OUT
2
Ground
GND
3
Enable
E
N
4
Flying capacitor
negative pin
C
FLY-
5
Input voltage
V
IN
6
Flying capacitor
positive pin
C
FLY+
PINOUT TABLE
Device
Output voltage (V)
Part marking
ZXCP330E6
3.3
P330
ORDERING INFORMATION
PINOUT DIAGRAM
Top View


Similar Part No. - ZXCP330

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ZXC COILCRAFT-ZXC Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLB COILCRAFT-ZXC-116XJLB Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLC COILCRAFT-ZXC-116XJLC Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLD COILCRAFT-ZXC-116XJLD Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-156XJLB COILCRAFT-ZXC-156XJLB Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
More results

Similar Description - ZXCP330

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
National Semiconductor ...
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com