Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT2369 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBT2369
Description  NPN switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT2369 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBT2369 Datasheet HTML 1Page - NXP Semiconductors PMBT2369 Datasheet HTML 2Page - NXP Semiconductors PMBT2369 Datasheet HTML 3Page - NXP Semiconductors PMBT2369 Datasheet HTML 4Page - NXP Semiconductors PMBT2369 Datasheet HTML 5Page - NXP Semiconductors PMBT2369 Datasheet HTML 6Page - NXP Semiconductors PMBT2369 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Jan 22
2
NXP Semiconductors
Product data sheet
NPN switching transistor
PMBT2369
FEATURES
• Low current (max. 200 mA)
• Low voltage (max. 15 V).
APPLICATIONS
• High-speed switching, especially in portable equipment.
DESCRIPTION
NPN switching transistor in a SOT23 plastic package.
MARKING
Note
1.
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
PMBT2369
*1J
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM255
Top view
2
3
1
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Transistor mounted on an FR4 printed-circuit board.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PMBT2369
plastic surface mounted package; 3 leads
SOT23
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
40
V
VCEO
collector-emitter voltage
open base
15
V
VEBO
emitter-base voltage
open collector
5
V
IC
collector current (DC)
200
mA
ICM
peak collector current
300
mA
IBM
peak base current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PMBT2369

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2369 PHILIPS-PMBT2369 Datasheet
44Kb / 8P
   NPN switching transistor
1999 Apr 27
PMBT2369 NXP-PMBT2369 Datasheet
120Kb / 7P
   NPN switching transistor
2004 Jan 22
logo
Nexperia B.V. All right...
PMBT2369 NEXPERIA-PMBT2369 Datasheet
315Kb / 8P
   NPN switching transistor
2004 Jan 22
logo
NXP Semiconductors
PMBT2369215 NXP-PMBT2369215 Datasheet
120Kb / 7P
   NPN switching transistor
2004 Jan 22
More results

Similar Description - PMBT2369

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com