Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35977-0600 Datasheet(PDF) 1 Page - MolexKits

Part # 35977-0600
Description  Low Profile Pos Lock Interconnect Vertical Header and Receptacle,7A 250V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

35977-0600 Datasheet(HTML) 1 Page - MolexKits

  35977-0600 Datasheet HTML 1Page - MolexKits 35977-0600 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0224
Manufacturer:
Country of Origin:
MV-396™
Certificates:
Low Profile Pos Lock Interconnect Vertical Header and Receptacle, 7A 250V
(Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
MV-396 Power Connector Kit
General Information
Molex / Waldom
Wire-to-Board
3.96mm (.156")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0224
Vertical
Product Highlights
Wire size:
250 Volts
20-18 AWG
7 Amps
Specifications
Circuit Sizes:
The MV-396 wire-to-board system is a robust interconnect solution for industry-
standard 3.96mm (.156") pitch applications. The system offers a positive lock for
secure mating retention, and a double cantilever terminal design with unique metal
shroud that prevents contamination and provides high contact pressure.
The system carries up to 7 amps and is offered in 2 to15 circuit sizes. Both vertical
and right angle headers provide low profiles and a partially shrouded design for
space savings and secure latching.
Voltage:
2, 3, 4, 5 and 6 circuits
Pitch:
Mounting
Orientation:
Current Rating:
Connector Type:
Receptacle and Header
Features and Benefits
Applications
• Security and Alarms
• Comfort and Infotainment
• Vending and Gaming
• Business Machines
• Energy and Power
• Industrial Equipment
• Positive lock for secure mating retention
• Double cantilever terminal with metal
shroud for protection and high contact
pressure
• Polarization prevents mis-mating
• Low profile offers good space savings
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 35977-0600

ManufacturerPart #DatasheetDescription
logo
MolexKits
35977-0600 MOLEXKITS-35977-0600 Datasheet
46Kb / 4P
   Low Profile Pos Lock Interconnect Vertical and Right Angle Header and Receptacle, 7A 250V
35977-0600 MOLEXKITS-35977-0600 Datasheet
42Kb / 2P
   Low Profile Pos Lock Interconnect Right Angle Header and Receptacle,7A 250V
logo
Molex Electronics Ltd.
35977-0600 MOLEX5-35977-0600 Datasheet
111Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 6 Circuits
More results

Similar Description - 35977-0600

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0141 MOLEXKITS-76650-0141 Datasheet
46Kb / 4P
   Low Profile Pos Lock Interconnect Vertical and Right Angle Header and Receptacle, 7A 250V
76650-0223 MOLEXKITS-76650-0223 Datasheet
42Kb / 2P
   Low Profile Pos Lock Interconnect Right Angle Header and Receptacle,7A 250V
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com