Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM2001X10TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXBM2001X10TC
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXBM2001X10TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXBM2001X10TC Datasheet HTML 1Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 2Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 3Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 4Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 5Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 6Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 7Page - Zetex Semiconductors ZXBM2001X10TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXBM2001
ZXBM2002 ZXBM2003
ISSUE 1 - APRIL 2002
2
Parameter
Symbol
Limits
Unit
Supply Voltage
VCCmax
-0.6 to 20
V
Input Current
ICC
200
mA
Power Dissipation
PD
500
mW
Operating Temp.
TOPR
-40 to 85
C
Storage Temp.
TSTG
-55 to 125
C
Absolute maximum ratings
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Supply Voltage
VCC
4.5
18
V
Supply Current
ICC
2.2
3.25
mA
No Load
1
Hall Amp Input Voltage
40
mV
diff p-p
Hall Amp Common Mode Voltage
VCM
0.5
0.5VCC
VCC-1.5
V
Hall Amp Input Offset
VOFS
±7
mV
Hall Amp Bias Current
VBS
-350
nA
PH1, PH2 Output High
VOH
VCC-2.2
VCC-1.8
V
IOH = 80mA
PH1, PH2 Output Off Leakage
Current
IOFF
10
A
PH1, PH2 Output Current
IOL
80
mA
Lock/FG Maximum Collector
Voltage
VOH
VCC
V
Lock/FG Sink Current
IOL
5mA
Lock/FG Low Level O/P Voltage
VOL
0.3
0.5
V
IOL =5mA
C
LCK Charge Current
ILCKC
-1.8
-2.8
AVin =1.5V
C
LCK Discharge Current
ILCKD
0.28
0.35
AVin =1.5V
Lock condition On:Off ratio
1:7
1:10
C
LCK High Threshold Voltage
VTHH
2.0
V
C
LCK Low Threshold Voltage
VTHL
1.0
V
C
PWM Charge Current
IPWMC
3.6
4.3
5.0
AVin =1.5V
C
PWM Discharge Current
IPWMD
50
62
75
AVin =1.5V
PWM Frequency
FPWM
24
kHz
CPWM =
0.15nF
C
PWM High Threshold Voltage
VTHH
2.0
V
C
PWM Low Threshold Voltage
VTHL
1.0
V
SPD Voltage Control Range
VSPD
12
V
2
SPD Open Circuit Voltage
1.5
V
3
Electrical Characteristics (at Tamb = 25°C & Vcc = 12V)
Notes:
1
Measured with pins H+, H-, CLCK and CPWM = 0V and all other signal pins open circuit.
2
The 1V minimum represents 100% PWM drive and 2V represents 0% PWM drive.
3
This voltage is determined by an internal resistor network of 52.5k
from the pin to Gnd and 19.5k
from the pin to a 2V reference. Whilst both
resistors track each other the absolute values are subject to a
20% manufacturing tolerance.


Similar Part No. - ZXBM2001X10TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
More results

Similar Description - ZXBM2001X10TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com