Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50802-9101 Datasheet(PDF) 1 Page - MolexKits

Part # 50802-9101
Description  Friction Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

50802-9101 Datasheet(HTML) 1 Page - MolexKits

  50802-9101 Datasheet HTML 1Page - MolexKits 50802-9101 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0226
76650-0226
Mini-Latch connectors provide a reliable interface for industry-standard 2.50mm
(.098" ) wire-to-board applications. The system includes a box-style contact
design and housing-side terminal latch to provide protection to the contact area
during and after assembly. The durable housing also includes guide rails and
molded tabs to facilitate mating and unmating.
Manufacturer:
Country of Origin:
Mini-Latch™
Certificates:
Friction Lock Right Angle Header and Receptacle
(Molex parts within this kit) - EU and China RoHS Compliant, UL and CSA
Specifications
Circuit Sizes:
General Information
Molex / Waldom
Wire-to-Board
2.50mm (.098")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
Connector Type:
Receptacle and Header
Right Angle
Voltage:
Features and Benefits
Applications
250 Volts
• Datacommunication equipment
• Printers and faxes
• PCs and monitors
• Automotive
• Friction lock provides good mating
retention
• Box-style contact protects contact area
• Polarizing features ensures proper
mating
• Guide rails and molded ledges
facilitates mating and unmating
Title:
Mini-Latch Connector Kit
Current:
Product Highlights
Wire size:
28-22 AWG
(1.5 - 3) Amps depending on AWG
3, 4 and 6 Circuits
Pitch:
Mounting
Orientation:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 50802-9101

ManufacturerPart #DatasheetDescription
logo
MolexKits
50802-9101 MOLEXKITS-50802-9101 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
50802-9101 MOLEXKITS-50802-9101 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
50802-9101 MOLEXKITS-50802-9101 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
50802-9101 MOLEXKITS-50802-9101 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
50802-9101 MOLEX7-50802-9101 Datasheet
100Kb / 3P
   2.50mm (.098") Pitch Crimp Terminal, Female, Brass, Bag
More results

Similar Description - 50802-9101

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com