Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-05-1062 Datasheet(PDF) 2 Page - MolexKits

Part # 22-05-1062
Description  Friction Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-05-1062 Datasheet(HTML) 2 Page - MolexKits

  22-05-1062 Datasheet HTML 1Page - MolexKits 22-05-1062 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0226
Molex Part No.
Quantity in
Kit
50802-9101
65
51191-0300
5
51191-0400
5
51191-0600
5
22-05-1032
5
22-05-1042
5
22-05-1062
5
Molex Part No.
63811-5200 *
Ireland
Ireland
Japan
Japan
Country
of Origin
2.50mm (.098") Pitch Right Angle Header 6 Circuits
Japan
Description
2.50mm (.098") Pitch Right Angle Header 4 Circuits
2.50mm (.098") Pitch Mini-Latch™ Receptacles, 4 Circuits
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0226*
Country
of Origin
Description
Hand Crimp Tool for 2.50mm (.098")
Germany
Japan
Bill of Materials for Part No. 76650-0226
Mini-Latch™ Female Crimp Terminals 28-22 AWG
Ireland
2.50mm (.098") Pitch Mini-Latch™ Receptacles, 3 Circuits
2.50mm (.098") Pitch Mini-Latch™ Receptacles, 6 Circuits
2.50mm (.098") Pitch Right Angle Header 3 Circuits
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 22-05-1062

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-05-1062 MOLEXKITS-22-05-1062 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
22-05-1062 MOLEXKITS-22-05-1062 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
22-05-1062 MOLEX2-22-05-1062 Datasheet
104Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board Header, Right Angle, Friction Lock, 6 Circuits, Tin (Sn) Plating
22-05-1062 MOLEX11-22-05-1062 Datasheet
44Kb / 2P
   Mini-Latch??Wire-to-Board Header, Right Angle, Friction Lock, 6 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-05-1062

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com